Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM/D Datasheet(PDF) 22 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 18Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 19Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 20Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 21Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 22Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 23Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 24Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 25Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
1-16
Timers
1.11 Timers
The DSP56321T has three identical and independent timers. Each timer can use internal or external
clocking and can either interrupt the DSP56321T after a specified number of events (clocks) or signal an
external device after counting a specific number of internal events.
Table 1-14. Triple Timer Signals
Signal Name
Type
State During
Reset1,2
Signal Description
TIO0
Input or Output Ignored Input
Timer 0 Schmitt-Trigger Input/Output— When Timer 0 functions
as an external event counter or in measurement mode, TIO0 is
used as input. When Timer 0 functions in watchdog, timer, or pulse
modulation mode, TIO0 is used as output.
The default mode after reset is GPIO input. TIO0 can be changed
to output or configured as a timer I/O through the Timer 0
Control/Status Register (TCSR0).
TIO1
Input or Output Ignored Input
Timer 1 Schmitt-Trigger Input/Output— When Timer 1 functions
as an external event counter or in measurement mode, TIO1 is
used as input. When Timer 1 functions in watchdog, timer, or pulse
modulation mode, TIO1 is used as output.
The default mode after reset is GPIO input. TIO1 can be changed
to output or configured as a timer I/O through the Timer 1
Control/Status Register (TCSR1).
TIO2
Input or Output Ignored Input
Timer 2 Schmitt-Trigger Input/Output— When Timer 2 functions
as an external event counter or in measurement mode, TIO2 is
used as input. When Timer 2 functions in watchdog, timer, or pulse
modulation mode, TIO2 is used as output.
The default mode after reset is GPIO input. TIO2 can be changed
to output or configured as a timer I/O through the Timer 2
Control/Status Register (TCSR2).
Notes:
1.
In the Stop state, the signal maintains the last state as follows:
• If the last state is input, the signal is an ignored input.
• If the last state is output, these lines maintain the last output state even if the drivers are tri-stated,
because they have internal weak keeper circuits.
2.
The Wait processing state does not affect the signal state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com