Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM/D Datasheet(PDF) 28 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 24Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 25Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 26Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 27Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 28Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 29Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 30Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 31Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
2-4
AC Electrical Characteristics
2.5 AC Electrical Characteristics
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum
of 0.3 V and a VIH minimum of 2.4 V for all pins except EXTAL, which is tested using the input levels
shown in Note 6 of the previous table. AC timing specifications, which are referenced to a device input
signal, are measured in production with respect to the 50 percent point of the respective input signal’s
transition. DSP56321T output levels are measured with the production test machine VOL and VOH
reference levels set at 0.4 V and 2.4 V, respectively.
Note:
Although the minimum value for the frequency of EXTAL is 0 MHz, the device AC test
conditions are 15 MHz and rated speed.
2.5.1
Internal Clocks
2.5.2
External Clock Operation
The DSP56321T system clock is derived from the on-chip oscillator or is externally supplied. To use the
on-chip oscillator, connect a crystal and associated resistor/capacitor components to EXTAL and XTAL;
an example is shown in Figure 2-1.
Table 2-4. Internal Clocks
Characteristics
Symbol
Expression
Min
Typ
Max
Internal operating frequency
•
With DPLL disabled
•
With DPLL enabled
f
—
—
Ef/2
(Ef
× MF)/(PDF × DF)
—
—
Internal clock cycle time
•
With DPLL disabled
•
With DPLL enabled
TC
—
—
2
× ET
C
ETC × PDF × DF/MF
—
—
Internal clock high period
•
With DPLL disabled
•
With DPLL enabled
TH
—
0.49
× T
C
ETC
—
—
0.51
× T
C
Internal clock low period
•
With DPLL disabled
•
With DPLL enabled
TL
—
0.49
× T
C
ETC
—
—
0.51
× T
C
Note:
Ef = External frequency; MF = Multiplication Factor = MFI + MFN/MFD; PDF = Predivision Factor;
DF = Division Factor; TC = Internal clock cycle; ETC = External clock cycle; TH = Internal clock high;
TL = Internal clock low
Figure 2-1. Crystal Oscillator Circuits
Suggested Component Values:
fOSC = 16–32 MHz
R = 1 M
Ω ± 10%
C = 10 pF
± 10%
Calculations are for a 16–32 MHz crystal with the following parameters:
•
shunt capacitance (C0) of 5.2–7.3 pF,
•
series resistance of 5–15
Ω, and
•
drive level of 2 mW.
XTAL1
C
C
R
Fundamental Frequency
Crystal Oscillator
XTAL
EXTAL
Note: Make sure that in the PCTL Register:
•
XTLD (bit 2) = 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com