Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM/D Datasheet(PDF) 32 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 28Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 29Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 30Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 31Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 32Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 33Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 34Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 35Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
2-8
AC Electrical Characteristics
25
Delay from IRQA assertion to fetch of first
instruction (when exiting Stop)2, 3
DPLL is not active during Stop (PCTL Bit 1 =
0) and Stop delay is enabled (Operating Mode
Register Bit 6 = 0)
DPLL is not active during Stop (PCTL Bit 1 =
0) and Stop delay is not enabled (Operating
Mode Register Bit 6 = 1)
DPLL is active during Stop (PCTL Bit 1 = 1;
Implies No Stop Delay)
DPLT + (128K
× T
C)
DPLT + (23.75 ± 0.5)
× T
C
(8.25
± 0.5) × T
C
589.2
6.9
35.3
732.4
150.1
39.6
540.6
6.9
32.3
683.8
150.1
35.5
µs
µs
ns
26
Duration of level sensitive IRQA assertion
to ensure interrupt service (when exiting
Stop)2, 3
DPLL is not active during Stop (PCTL bit 1 =
0) and Stop delay is enabled (Operating Mode
Register Bit 6 = 0)
DPLL is not active during Stop (PCTL bit 1 =
0) and Stop delay is not enabled (Operating
Mode Register Bit 6 = 1)
DPLL is active during Stop ((PCTL bit 1 = 0;
implies no Stop delay)
DPLT + (128 K
× T
C)
DPLT + (20.5
± 0.5) × T
C
5.5
× T
C
589.2
6.9
25.0
—
—
—
540.6
6.9
22.9
—
—
—
µs
µs
ns
27
Interrupt Requests Rate
HI08, ESSI, SCI, Timer
DMA
IRQ, NMI (edge trigger)
IRQ, NMI (level trigger)
12TC
8TC
8TC
12TC
—
—
—
—
54.6
36.4
36.4
54.6
—
—
—
—
50.0
33.4
33.4
50.0
ns
ns
ns
ns
28
DMA Requests Rate
Data read from HI08, ESSI, SCI
Data write to HI08, ESSI, SCI
Timer
IRQ, NMI (edge trigger)
6TC
7TC
2TC
3TC
—
—
—
—
27.3
31.9
9.1
13.7
—
—
—
—
25.0
29.2
8.3
12.5
ns
ns
ns
ns
29
Delay from IRQA, IRQB, IRQC, IRQD, NMI
assertion to external memory (DMA source)
access address out valid
4.25
× T
C + 2.0
21.34
—
19.72
—
ns
Notes:
1.
When fast interrupts are used and IRQA, IRQB, IRQC, and IRQD are defined as level-sensitive, timings 19
through 21 apply to prevent multiple interrupt service. To avoid these timing restrictions, the deasserted
Edge-triggered mode is recommended when fast interrupts are used. Long interrupts are recommended for
Level-sensitive mode.
Table 2-7. Reset, Stop, Mode Select, and Interrupt Timing6 (Continued)
No.
Characteristics
Expression
220 MHz
240 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com