Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM/D Datasheet(PDF) 41 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 37Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 38Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 39Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 40Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 41Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 42Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 43Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 44Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
2-17
AC Electrical Characteristics
337
HA[8–10] (HMUX=1), HA[0–2] (HMUX=0), HR/W hold time
after data strobe deassertion4
1.5
—
1.38
—
ns
338
Delay from read data strobe deassertion to host request
assertion for “Last Data Register” read5, 7, 8
TC + 2.64
7.19
—
6.81
—
ns
339
Delay from write data strobe deassertion to host request
assertion for “Last Data Register” write6, 7, 8
1.5
× T
C + 2.64
9.47
—
8.9
—
ns
340
Delay from data strobe assertion to host request deassertion
for “Last Data Register” read or write (HROD=0)4, 7, 8
—
11.04
—
10.12
ns
341
Delay from data strobe assertion to host request deassertion
for “Last Data Register” read or write (HROD=1, open drain
host request)4, 7, 8, 9
—
300.0
—
300.0
ns
Notes:
1.
See the Programmer’s Model section in the chapter on the HI08 in the
DSP56321 User’s Manual.
2.
In the timing diagrams below, the controls pins are drawn as active low. The pin polarity is programmable.
3.
This timing is applicable only if two consecutive reads from one of these registers are executed.
4.
The data strobe is Host Read (HRD) or Host Write (HWR) in the Dual Data Strobe mode and Host Data Strobe
(HDS) in the Single Data Strobe mode.
5.
The read data strobe is HRD in the Dual Data Strobe mode and HDS in the Single Data Strobe mode.
6.
The write data strobe is HWR in the Dual Data Strobe mode and HDS in the Single Data Strobe mode.
7.
The host request is HREQ in the Single Host Request mode and HRRQ and HTRQ in the Double Host Request
mode.
8.
The “Last Data Register” is the register at address $7, which is the last location to be read or written in data
transfers. This is RXL/TXL in the Big Endian mode (HLEND = 0; HLEND is the Interface Control Register bit
7—ICR[7]), or RXH/TXH in the Little Endian mode (HLEND = 1).
9.
In this calculation, the host request signal is pulled up by a 4.7 k
Ω resistor in the Open-drain mode.
10. VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = 0°C to +85°C, CL = 50 pF
11.
This timing is applicable only if a read from the “Last Data Register” is followed by a read from the RXL, RXM, or
RXH registers without first polling RXDF or HREQ bits, or waiting for the assertion of the HREQ signal.
12. After the external host writes a new value to the ICR, the HI08 will be ready for operation after three DSP clock
cycles (3
× Tc).
Figure 2-13. Host Interrupt Vector Register (IVR) Read Timing Diagram
Table 2-10. Host Interface Timings1,2,12 (Continued)
No.
Characteristic10
Expression
220 MHz
240 MHz
Unit
Min
Max
Min
Max
HACK
H[0–7]
HREQ
329
317
318
328
326
327
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com