Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM/D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 1 Page - NXP Semiconductors

  DSP56321RM/D Datasheet HTML 1Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 2Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 3Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 4Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 5Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 6Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 7Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 8Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Technical Data
Advance Information
DSP56321T/D
Rev. 2, 10/2002
24-Bit Digital Signal
Processor
Figure 1. DSP56321T Block Diagram
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/IRQB
MODC/IRQC
13
MODD/IRQD
DSP56300
6
16
24-Bit
24
18
DDB
DAB
Peripheral
Core
Expansion Area
6
5
3
RESET
MODA/IRQA
PINIT/NMI
EXTAL
XTAL
Address
Control
Data
Address
Generation
Unit
Six Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24 + 56 → 56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Management
External
Bus
Interface
and
I - Cache
Control
Memory Expansion Area
DE
Program
RAM
32 K
× 24 bits
X Data
RAM
80 K
× 24 bits
Y Data
RAM
80 K
× 24 bits
External
Address
Bus
Switch
SCI
EFCOP
ESSI
HI08
Triple
Timer
or
31 K
× 24 bits
Instruction
Cache
1024
× 24 bits
Bootstrap
ROM
PCAP
and
OnCE™
JTAG
PLL
Clock
Generator
Internal
Data
Bus
Switch
External
Data
Bus
Switch
The DSP56321T is a
member of the
DSP56300 Digital
Signal Processor (DSP)
family intended for
applications requiring a
large amount of
on-device memory. The
on-board EFCOP can
accelerate general
filtering applications,
such as
echo-cancellation,
correlation, and
general-purpose
convolution-based
algorithms. By operating
in parallel with the core,
the EFCOP provides
overall enhanced
performance and signal
quality with no impact
on channel throughput
or total channel support.
The Motorola DSP56321T supports networking,
security encryption, and home entertainment
applications using a high- performance,
single-clock-cycle-per- instruction engine
(DSP56000 code-compatible), a barrel shifter,
24-bit addressing, an instruction cache, and a
six-channel direct memory access (DMA)
controller (see Figure 1).
The DSP5321T offers 220/240 MMACS
performance, attaining 440/480 MMACS when the
EFCOP is in use, It operates with an internal
220/240 MHz clock, using a 1.6 volt core and
independent 3.3 volt input/output (I/O) power.
This device is pin- compatible with the Motorola
DSP56303, DSP56L307, DSP56309, and
DSP56311.
Note: This document contains information on a new product. Specifications and information herein are subject to change without notice.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56321RM/D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56321RM NXP-DSP56321RM Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
Rev. 11, 2/2005
More results

Similar Description - DSP56321RM/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com