Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56321RM/D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button DSP56321RM/D Datasheet HTML 3Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 4Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 5Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 6Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 7Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 8Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 9Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 10Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
1-1
Chapter 1
Signal/
Connection
Descriptions
1.1 Signal Groupings
The DSP56321T input and output signals are organized into functional groups as shown in Table 1-1.
Figure 1-1 diagrams the DSP56321T signals by functional group. The remainder of this chapter
describes the signal pins in each functional group.
Note:
This chapter refers to a number of configuration registers used to select individual multiplexed
signal functionality. Refer to the DSP56321 Reference Manual (DSP56321RM/D) for details on
these configuration registers.
Table 1-1. DSP56321T Functional Signal Groupings
Functional Group
Number
of
Signals
Power (VCC)
20
Ground (GND)
66
Clock
2
PLL
1
Address bus
Port A1
18
Data bus
24
Bus control
10
Interrupt and mode control
5
Host interface (HI08)
Port B2
16
Enhanced synchronous serial interface (ESSI)
Ports C and D3
12
Serial communication interface (SCI)
Port E4
3
Timer
3
OnCE/JTAG Port
6
Notes:
1.
Port A signals define the external memory interface port, including the external address bus, data
bus, and control signals.
2.
Port B signals are the HI08 port signals multiplexed with the GPIO signals.
3.
Port C and D signals are the two ESSI port signals multiplexed with the GPIO signals.
4.
Port E signals are the SCI port signals multiplexed with the GPIO signals.
5.
There are 8 signal lines that are not connected internally. These are designated no connect (NC) in
the package description (see Chapter 3). There are also two lines that are reserved.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com