Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250QT Datasheet(PDF) 12 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 8Page - STMicroelectronics SN250QT Datasheet HTML 9Page - STMicroelectronics SN250QT Datasheet HTML 10Page - STMicroelectronics SN250QT Datasheet HTML 11Page - STMicroelectronics SN250QT Datasheet HTML 12Page - STMicroelectronics SN250QT Datasheet HTML 13Page - STMicroelectronics SN250QT Datasheet HTML 14Page - STMicroelectronics SN250QT Datasheet HTML 15Page - STMicroelectronics SN250QT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
Top-level functional description
SN250
12/130
4
Top-level functional description
Figure 2 shows a detailed block diagram of the SN250.
Figure 2.
SN250 block diagram
The radio receiver is a low-IF, super-heterodyne receiver. It utilizes differential signal paths
to minimize noise interference, and its architecture has been chosen to optimize co-
existence with other devices within the 2.4GHz band (namely, IEEE 802.11g and Bluetooth).
After amplification and mixing, the signal is filtered and combined prior to being sampled by
an ADC.
The digital receiver implements a coherent demodulator to generate a chip stream for the
hardware-based MAC. In addition, the digital receiver contains the analog radio calibration
routines and control of the gain within the receiver path.
The radio transmitter utilizes an efficient architecture in which the data stream directly
modulates the VCO. An integrated PA boosts the output power. The calibration of the TX
path as well as the output power is controlled by digital logic. If the SN250 is to be used with
an external PA, the TX_ACTIVE signal should be used to control the timing of the external
switching logic.
The integrated 4.8 GHz VCO and loop filter minimize off-chip circuitry. Only a 24MHz crystal
with its loading capacitors is required to properly establish the PLL reference signal.
The MAC interfaces the data memory to the RX and TX baseband modules. The MAC
provides hardware-based IEEE 802.15.4 packet-level filtering. It supplies an accurate
symbol time base that minimizes the synchronization effort of the software stack and meets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com