Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250QT Datasheet(PDF) 47 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 43Page - STMicroelectronics SN250QT Datasheet HTML 44Page - STMicroelectronics SN250QT Datasheet HTML 45Page - STMicroelectronics SN250QT Datasheet HTML 46Page - STMicroelectronics SN250QT Datasheet HTML 47Page - STMicroelectronics SN250QT Datasheet HTML 48Page - STMicroelectronics SN250QT Datasheet HTML 49Page - STMicroelectronics SN250QT Datasheet HTML 50Page - STMicroelectronics SN250QT Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
SN250
Functional description—application modules
47/130
There are two schemes available to assert the RTS signal. The first scheme is to initiate
RTS assertion with software by setting the register bit SC1_UARTRTS in the SC1_UARTCFG
register. The second scheme is to assert RTS automatically depending on the fill state of the
receive FIFO. This is enabled with the register bit SC1_UARTAUTO in the SC1_UARTCFG
register.
The UART also contains overrun protection for both the FIFO and DMA options. If the
transmitting terminal continues to transmit characters to the receive FIFO, only 4 characters
are stored in the FIFO. Additional characters are dropped, and the register bit
SC1_UARTRXOVF
in the SC1_UARTSTAT register is set. Should this receive overrun occur
during DMA operation, the SC1_RXERRA/B registers mark the error-offset. The RX FIFO
hardware generates the INT_SCRXOVF interrupt, but the DMA register will not indicate the
error condition until the RX FIFO is drained. Once the DMA marks a RX error, there are two
conditions that will clear the error indication: setting the appropriate SC_TX/RXDMARST bit in
the SC1_DMACTRL register, or loading the appropriate DMA buffer after it has unloaded.
Interrupts are generated on the following events:
●
Transmit FIFO empty and last character shifted out (0 to 1 transition of
SC1_UARTTXIDLE
)
●
Transmit FIFO changed from full to not full (0 to 1 transition of SC1_UARTTXFREE)
●
Receive FIFO changed from empty to not empty (0 to 1 transition of SC1_UARTRXVAL)
●
Transmit DMA buffer A/B complete (1 to 0 transition of SC_TXACTA/B)
●
Receive DMA buffer A/B complete (1 to 0 transition of SC_RXACTA/B)
●
Character received with Parity error
●
Character received with Frame error
●
Received and lost character while receive FIFO was full (Receive overrun error)
To generate interrupts to the CPU, the interrupt masks in the INT_SC1CFG and INT_CFG
registers must be enabled.
7.2.2
SPI master mode
The SPI mode of the SC1 is master mode only. It has a fixed word length of 8 bits. The SC1
SPI controller is enabled with SC1_MODE set to 2 and register bit SC_SPIMST set in the
SC1_SPICFG
register.
The SPI mode has the following features:
●
Full duplex operation
●
Programmable clock frequency (12MHz max.)
●
Programmable clock polarity and clock phase
●
Selectable data shift direction (either LSB or MSB first)
The following signals can be made available on the GPIO pins:
●
MO (master out)
●
MI (master in)
●
MCLK (serial clock)
The SC1 SPI module obtains its reference clock from a programmable clock generator.
Clock rates are set by a clock division ratio from the 24MHz clock:
rate = 24MHz / ( 2
∗ (LIN + 1) ∗ 2EXP )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com