Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250QT Datasheet(PDF) 5 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 5 Page - STMicroelectronics

  SN250QT Datasheet HTML 1Page - STMicroelectronics SN250QT Datasheet HTML 2Page - STMicroelectronics SN250QT Datasheet HTML 3Page - STMicroelectronics SN250QT Datasheet HTML 4Page - STMicroelectronics SN250QT Datasheet HTML 5Page - STMicroelectronics SN250QT Datasheet HTML 6Page - STMicroelectronics SN250QT Datasheet HTML 7Page - STMicroelectronics SN250QT Datasheet HTML 8Page - STMicroelectronics SN250QT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
SN250
General description
5/130
1
General description
The SN250 is a single-chip solution that integrates a 2.4GHz, IEEE 802.15.4-compliant
transceiver with a 16-bit XAP2b microprocessor. It contains integrated Flash and RAM
memory and peripherals of use to designers of ZigBee-based applications.
The transceiver utilizes an efficient architecture that exceeds the dynamic range
requirements imposed by the IEEE 802.15.4-2003 standard by over 15dB. The integrated
receive channel filtering allows for co-existence with other communication standards in the
2.4GHz spectrum such as IEEE 802.11g and Bluetooth. The integrated regulator, VCO, loop
filter, and power amplifier keep the external component count low. An optional high
performance radio mode (boost mode) is software selectable to boost dynamic range by a
further 3dB.
The XAP2b microprocessor is a power-optimized core integrated in the SN250. It supports
two different modes of operation—System Mode and Application Mode. The ZNet stack
runs in System Mode with full access to all areas of the chip. Application code runs in
Application Mode with limited access to the SN250 resources; this allows for the scheduling
of events by the application developer while preventing modification of restricted areas of
memory and registers. This architecture results in increased stability and reliability of deployed
solutions.
The SN250 has 128KB of embedded Flash memory and 5KB of integrated RAM for data
and program storage. The SN250 software stack employs an effective wear-leveling
algorithm in order to optimize the lifetime of the embedded Flash.
To maintain the strict timing requirements imposed by ZigBee and the IEEE 802.15.4-2003
standard, the SN250 integrates a number of MAC functions into the hardware. The MAC
hardware handles automatic ACK transmission and reception, automatic backoff delay, and
clear channel assessment for transmission, as well as automatic filtering of received
packets. In addition, the SN250 allows for true MAC level debugging by integrating the
Packet Trace Interface.
To support user-defined applications, a number of peripherals such as GPIO, UART, SPI,
I2C, ADC, and general-purpose timers are integrated. Also, an integrated voltage regulator,
power-on-reset circuitry, sleep timer, and low-power sleep modes are available. The deep
sleep mode draws less than 1
μA, allowing products to achieve long battery life.
Finally, the SN250 utilizes the non-intrusive SIF module for powerful software debugging
and programming of the XAP2b microcontroller.
Target applications for the SN250 include:
●
Building automation and control
●
Home automation and control
●
Home entertainment control
●
Asset tracking
The SN250 is purchased with ZNet, a ZigBee-compliant software stack developed by
Ember Corporation, providing a ZigBee profile-ready, platform-compliant solution.This
technical datasheet details the SN250 features available to customers using it with the ZNet
stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com