Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250QT Datasheet(PDF) 15 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 11Page - STMicroelectronics SN250QT Datasheet HTML 12Page - STMicroelectronics SN250QT Datasheet HTML 13Page - STMicroelectronics SN250QT Datasheet HTML 14Page - STMicroelectronics SN250QT Datasheet HTML 15Page - STMicroelectronics SN250QT Datasheet HTML 16Page - STMicroelectronics SN250QT Datasheet HTML 17Page - STMicroelectronics SN250QT Datasheet HTML 18Page - STMicroelectronics SN250QT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 130 page
background image
SN250
Electrical characteristics
15/130
5.3
Environmental characteristics
Table 4 lists the environmental characteristics of the SN250.
5.4
DC electrical characteristics
Table 5 lists the DC electrical characteristics of the SN250.
Table 4.
Environmental characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ESD (human body model)
On any Pin
− 2
+ 2kV
ESD (charged device model)
Non-RF Pins
− 400
+ 400
V
ESD (charged device model)
RF Pins
− 225
+ 225
V
Moisture Sensitivity Level (MSL1)
TBD
Table 5.
DC characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Regulator input voltage
(VDD_PADS)
2.1
3.6
V
Power supply range (VDD_CORE)
Regulator output or
external input
1.7
1.8
1.9
V
Deep Sleep Current
Quiescent current, including
internal RC oscillator
At 25° C.
1.0
μA
Quiescent current, including
32.768kHz oscillator
At 25° C.
1.5
μA
RX Current
Radio receiver, MAC, and
baseband (boost mode)
29.0
mA
Radio receiver, MAC, and
baseband
27.0
mA
CPU, RAM, and Flash memory
At 25° C and 1.8V
core
8.5
mA
Total RX current ( = IRadio receiver,
MAC and baseband, CPU + IRAM, and
Flash memory)
At 25° C,
VDD_PADS=3.0V
35.5
mA
TX Current
Radio transmitter, MAC, and
baseband (boost mode)
At max. TX power
(
+ 5dBm typical)
33.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com