Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250QT Datasheet(PDF) 14 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 10Page - STMicroelectronics SN250QT Datasheet HTML 11Page - STMicroelectronics SN250QT Datasheet HTML 12Page - STMicroelectronics SN250QT Datasheet HTML 13Page - STMicroelectronics SN250QT Datasheet HTML 14Page - STMicroelectronics SN250QT Datasheet HTML 15Page - STMicroelectronics SN250QT Datasheet HTML 16Page - STMicroelectronics SN250QT Datasheet HTML 17Page - STMicroelectronics SN250QT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 130 page
background image
Electrical characteristics
SN250
14/130
5
Electrical characteristics
5.1
Absolute maximum ratings
Table 2 lists the absolute maximum ratings for the SN250.
5.2
Recommended operating conditions
Table 3 lists the rated operating conditions of the SN250.
.
Table 2.
Absolute maximum ratings
Parameter
Test Conditions
Min.
Max.
Unit
Regulator voltage (VDD_PADS)
− 0.3
3.6
V
Core voltage (VDD_24MHz, VDD_VCO,
VDD_RF, VDD_IF, VDD_PADSA,
VDD_FLASH, VDD_PRE, VDD_SYNTH,
VDD_CORE)
− 0.3
2.0
V
Voltage on RF_P,N; RF_TX_ALT_P,N
− 0.3
3.6
V
Voltage on any GPIO[16:0], SIF_CLK,
SIF_MISO, SIF_MOSI, SIF_LOADB,
OSC32A, OSC32B, RSTB, VREG_OUT
− 0.3
VDD_PADS
+ 0.3
V
Voltage on TX_ACTIVE, BIAS_R,
OSCA, OSCB
− 0.3
VDD_CORE
+ 0.3
V
Storage temperature
− 40
+ 140
°C
Table 3.
Operating conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Regulator input voltage (VDD_PADS)
2.1
3.6
V
Core input voltage (VDD_24MHZ,
VDD_VCO, VDD_RF, VDD_IF,
VDD_PADSA, VDD_FLASH,
VDD_PRE, VDD_SYNTH, VDD_CORE)
1.7
1.8
1.9
V
Temperature range
-40
+ 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com