Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250QT Datasheet(PDF) 45 Page - STMicroelectronics

Part # SN250QT
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 41Page - STMicroelectronics SN250QT Datasheet HTML 42Page - STMicroelectronics SN250QT Datasheet HTML 43Page - STMicroelectronics SN250QT Datasheet HTML 44Page - STMicroelectronics SN250QT Datasheet HTML 45Page - STMicroelectronics SN250QT Datasheet HTML 46Page - STMicroelectronics SN250QT Datasheet HTML 47Page - STMicroelectronics SN250QT Datasheet HTML 48Page - STMicroelectronics SN250QT Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 130 page
background image
SN250
Functional description—application modules
45/130
7.2.1
UART mode
The SC1 UART controller is enabled with SC1_MODE set to 1.
The UART mode contains the following features:
●
Baud rate (300 bps up to 921 Kbps)
●
Data bits (7 or 8)
●
Parity bits (none, odd, or even)
●
Stop bits (1 or 2)
The following signals can be made available on GPIO pins:
●
TXD
●
RXD
●
nRTS (optional)
●
nCTS (optional)
The SC1 UART module obtains its reference baud-rate clock from a programmable baud
generator. Baud rates are set by a clock division ratio from the 24MHz clock:
rate = 24MHz / ( 2
∗ ( N + (0.5 ∗ F) ) )
The integer portion, N, is written to the SC1_UARTPER register and the fractional remainder,
F, to the SC1_UARTFRAC register. Table 19 lists the supported baud rates with associated
baud rate error. The minimum allowable setting for SC1_UARTPER is 8.
The UART module supports various frame formats depending upon the number of data bits
(SC1_UART8BIT), the number of stop bits (SC1_UART2STP), and the parity (SC1_UARTPAR
plus SC1_UARTODD). The register bits SC1_UART8BIT, SC1_UART2STP, SC1_UARTPAR,
and SC1_UARTODD are defined within the SC1_UARTCFG register. In addition, the UART
module supports flow control by setting SC1_UARTFLOW, SC1_UARTAUTO, and
SC1_UARTRTS
in the SC1_UARTCFG register (see Table 20).
Table 19.
UART baud rates
Baud Rate (bps)
SC1_UARTPER
SC1_UARTFRAC
Baud Rate Error (%)
300
40000
0
0
4800
2500
0
0
9600
1250
0
0
19200
625
0
0
38400
312
1
0
57600
208
1
− 0.08
115200
104
0
0.16
460800
26
0
0.16
921600
13
0
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com