Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080IP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP4080IP
Description  80V/2.5A Peak, High FrequencyFull Bridge FET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080IP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP4080IP Datasheet HTML 1Page - Renesas Technology Corp HIP4080IP Datasheet HTML 2Page - Renesas Technology Corp HIP4080IP Datasheet HTML 3Page - Renesas Technology Corp HIP4080IP Datasheet HTML 4Page - Renesas Technology Corp HIP4080IP Datasheet HTML 5Page - Renesas Technology Corp HIP4080IP Datasheet HTML 6Page - Renesas Technology Corp HIP4080IP Datasheet HTML 7Page - Renesas Technology Corp HIP4080IP Datasheet HTML 8Page - Renesas Technology Corp HIP4080IP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
HIP4080
FN3178 Rev 11.00
Page 5 of 21
February, 2003
OUT High Level Output Voltage
VOH
IN+ > IN-, IOH = -300AVDD
-0.4
--
VDD
- 0.5
-V
OUT Low Level Output Voltage
VOL
IN+ < IN-, IOL = 300A
-
-0.3
-0.4
V
High Level Output Current
IOH
VOUT = 6V
-9
-7
-4
-11
-2
mA
Low Level Output Current
IOL
VOUT = 6V
810
12514
mA
INPUT PINS: DIS
Low Level Input Voltage
VIL
Full Operating Conditions
-
-
1.0
-
0.8
V
High Level Input Voltage
VIH
Full Operating Conditions
2.5
-
-
2.7
-
V
Input Voltage Hysteresis
-35-
-
-
mV
Low Level Input Current
IIL
VIN = 0V, Full Operating Conditions
-130
-100
-75
-135
-65
A
High Level Input Current
IIH
VIN = 5V, Full Operating Conditions
-1
-
+1
-10
+10
A
INPUT PINS: HEN
Low Level Input Voltage
VIL
Full Operating Conditions
-
-
1.0
-
0.8
V
High Level Input Voltage
VIH
Full Operating Conditions
2.5
-
-
2.7
-
V
Input Voltage Hysteresis
-35-
-
-
mV
Low Level Input Current
IIL
VIN = 0V, Full Operating Conditions
-260
-200
-150
-270
-130
A
High Level Input Current
IIH
VIN = 5V, Full Operating Conditions
-1
-
+1
-10
+10
A
TURN-ON DELAY PINS: LDEL AND HDEL
LDEL, HDEL Voltage
VHDEL,VIHDEL = ILDEL = -100A
4.9
5.1
5.3
4.8
5.4
V
GATE DRIVER OUTPUT PINS: ALO, BLO, AHO, AND BHO
Low Level Output Voltage
VOL
IOUT = 100mA
.70
0.85
1.0
0.5
1.1
V
High Level Output Voltage
VCC - VOH IOUT = -100mA
0.8
0.95
1.1
0.5
1.2
V
Peak Pull-up Current
IO+VOUT = 0V
1.7
2.6
3.8
1.4
4.1
A
Peak Pull-down Current
IO-VOUT = 12V
1.7
2.4
3.3
1.3
3.6
A
Electrical Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K, and
TA =25oC, Unless Otherwise Specified (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = 25oC
TJ = - 40oC
TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
Switching Specifications VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10K,
CL = 1000pF, and TA = 25oC, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = 25oC
TJ = - 40oC
TO 125oC
UNITS
MIN
TYP MAX MIN MAX
Lower Turn-off Propagation Delay (IN+/IN- to ALO/BLO)
TLPHL
-
40
70
-
90
ns
Upper Turn-off Propagation Delay (IN+/IN- to AHO/BHO)
THPHL
-
50
80
-
110
ns
Lower Turn-on Propagation Delay (IN+/IN- to ALO/BLO)
TLPLH
RHDEL = RLDEL = 10K
-
45
70
-
90
ns
Upper Turn-on Propagation Delay (IN+/IN- to AHO/BHO)
THPLH
RHDEL = RLDEL = 10K
-
70
110
-
140
ns
Rise Time
Tr
-
10
25
-
35
ns
Fall Time
Tf
-
10
25
-
35
ns
Turn-on Input Pulse Width
TPWIN-ON
RHDEL = RLDEL = 10K
50
-
-
50
-
ns
Turn-off Input Pulse Width
TPWIN-OFF RHDEL = RLDEL = 10K
40
-
-
40
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com