Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080IP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HIP4080IP
Description  80V/2.5A Peak, High FrequencyFull Bridge FET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080IP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HIP4080IP Datasheet HTML 13Page - Renesas Technology Corp HIP4080IP Datasheet HTML 14Page - Renesas Technology Corp HIP4080IP Datasheet HTML 15Page - Renesas Technology Corp HIP4080IP Datasheet HTML 16Page - Renesas Technology Corp HIP4080IP Datasheet HTML 17Page - Renesas Technology Corp HIP4080IP Datasheet HTML 18Page - Renesas Technology Corp HIP4080IP Datasheet HTML 19Page - Renesas Technology Corp HIP4080IP Datasheet HTML 20Page - Renesas Technology Corp HIP4080IP Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
HIP4080
FN3178 Rev 11.00
Page 19 of 21
February, 2003
Timing Diagrams
NOTE:
7. ALI and/or BLI may be high after t1, whereupon the ENABLE pin
may also be brought high.
FIGURE 38.
NOTE:
8. Between t1 and t2 the IN+ and IN- inputs must cause the OUT pin
to go through one complete cycle (transition order is not
important). If the ENABLE pin is low after the undervoltage
circuit is satisfied, the ENABLE pin will initiate the 10ms time
delay during which the IN+ and IN- pins must cycle at least once.
FIGURE 39.
VDD
DIS
ALI, BLI
8.5V TO 10.5V (ASSUMES 5% RESISTORS)
1.7V
12V, FINAL VALUE
VDD
DIS
LDEL
=10ms
t1
t2
8.3V TO 9.1V (ASSUMING 5% ZENER TOLERANCE)
12V, FINAL VALUE
5.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com