Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080IP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HIP4080IP
Description  80V/2.5A Peak, High FrequencyFull Bridge FET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080IP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HIP4080IP Datasheet HTML 10Page - Renesas Technology Corp HIP4080IP Datasheet HTML 11Page - Renesas Technology Corp HIP4080IP Datasheet HTML 12Page - Renesas Technology Corp HIP4080IP Datasheet HTML 13Page - Renesas Technology Corp HIP4080IP Datasheet HTML 14Page - Renesas Technology Corp HIP4080IP Datasheet HTML 15Page - Renesas Technology Corp HIP4080IP Datasheet HTML 16Page - Renesas Technology Corp HIP4080IP Datasheet HTML 17Page - Renesas Technology Corp HIP4080IP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
HIP4080
FN3178 Rev 11.00
Page 14 of 21
February, 2003
HIP4080 Power-up Application Information
The HIP4080 H-Bridge Driver IC requires external circuitry to
assure reliable start-up conditions of the upper drivers. If not
addressed in the application, the H-Bridge power MOSFETs
may be exposed to shoot-through current, possibly leading to
MOSFET failure. Following the instructions below will result in
reliable start-up.
The HIP4080 does not have an input protocol like the HIP4081
that keeps both lower power MOSFETs off other than through
the DIS pin. IN+ and IN- are inputs to a comparator that control
the bridge in such a way that only one of the lower power
devices is on at a time, assuming DIS is low. However, keeping
both lower MOSFETs off can be accomplished by controlling
the lower turn-on delay pin, LDEL, while the chip is enabled, as
shown in Figure 32. Pulling LDEL to VDD will indefinitely delay
the lower turn-on delays through the input comparator and will
keep the lower MOSFETs off. With the lower MOSFETs off and
the chip enabled, i.e. DIS = low, IN+ or IN- can be switched
through a full cycle, properly setting the upper driver outputs.
Once this is accomplished, LDEL is released to its normal
operating point. It is critical that IN+/IN- switch a full cycle while
LDEL is held high, to avoid shoot-through. This start-up
procedure can be initiated by the supply voltage and/or the chip
enable command by the circuit in Figure 32.
FIGURE 28. PEAK PULLUP CURRENT IO+ vs SUPPLY
VOLTAGE
FIGURE 29. LOW VOLTAGE BIAS CURRENT IDD AND ICC
(LESS QUIESCENT COMPONENT) vs
FREQUENCY AND GATE LOAD CAPACITANCE
FIGURE 30. HIGH VOLTAGE LEVEL-SHIFT CURRENT vs
FREQUENCY AND BUS VOLTAGE
FIGURE 31. MINIMUM DEAD-TIME vs DEL RESISTANCE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V,
RHDEL =RLDEL= 100K, and TA = 25oC, Unless Otherwise Specified (Continued)
6
7
8
9
10
11
12
13
14
15
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDD, VCC, VAHB, VBHB (V)
1
10
100
1000
2
5
20
50
500
200
0.1
1
10
100
500
50
5
0.5
200
20
2
0.2
SWITCHING FREQUENCY (kHz)
3,000
1,000
10,000
100
1
10
100
1000
2
5
20
50
200
500
1
10
100
1000
2
5
20
50
200
500
SWITCHING FREQUENCY (kHz)
60V
40V
80V
20V
10
50
100
150
200
250
0
30
60
90
120
150
HDEL/LDEL RESISTANCE (k
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com