Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080IP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HIP4080IP
Description  80V/2.5A Peak, High FrequencyFull Bridge FET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080IP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HIP4080IP Datasheet HTML 13Page - Renesas Technology Corp HIP4080IP Datasheet HTML 14Page - Renesas Technology Corp HIP4080IP Datasheet HTML 15Page - Renesas Technology Corp HIP4080IP Datasheet HTML 16Page - Renesas Technology Corp HIP4080IP Datasheet HTML 17Page - Renesas Technology Corp HIP4080IP Datasheet HTML 18Page - Renesas Technology Corp HIP4080IP Datasheet HTML 19Page - Renesas Technology Corp HIP4080IP Datasheet HTML 20Page - Renesas Technology Corp HIP4080IP Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
HIP4080
FN3178 Rev 11.00
Page 18 of 21
February, 2003
Supplemental Information for HIP4080
and HIP4081 Power-Up Application
The HIP4080 and HIP4081 H-Bridge Driver ICs require
external circuitry to assure reliable start-up conditions of the
upper drivers. If not addressed in the application, the H-bridge
power MOSFETs may be exposed to shoot-through current,
possibly leading to MOSFET failure. Following the instructions
below will result in reliable start-up.
HIP4081
The HIP4081 has four inputs, one for each output. Outputs
ALO and BLO are directly controlled by input ALI and BLI. By
holding ALI and BLI low during start-up no shoot-through
conditions can occur. To set the latches to the upper drivers
such that the driver outputs, AHO and BHO, are off, the DIS pin
must be toggled from low to high after power is applied. This is
accomplished with a simple resistor divider, as shown below in
Figure 36. As the VDD/VCC supply ramps from zero up, the DIS
voltage is below its input threshold of 1.7V due to the R1/R2
resistor divider. When VDD/VCC exceeds approximately 9V to
10V, DIS becomes greater than the input threshold and the
chip disables all outputs. It is critical that ALI and BLI be held
low prior to DIS reaching its threshold level of 1.7V while
VDD/VCC is ramping up, so that shoot through is avoided. After
power is up the chip can be enabled by the ENABLE signal
which pulls the DIS pin low.
HIP4080
The HIP4080 does not have an input protocol like the HIP4081
that keeps both lower power MOSFETs off other than through
the DIS pin. IN+ and IN- are inputs to a comparator that control
the bridge in such a way that only one of the lower power
devices is on at a time, assuming DIS is low. However, keeping
both lower MOSFETs off can be accomplished by controlling
the lower turn-on delay pin, LDEL, while the chip is enabled, as
shown in Figure 37. Pulling LDEL to VDD will indefinitely delay
the lower turn-on delays through the input comparator and will
keep the lower MOSFETs off. With the lower MOSFETs off and
the chip enabled, i.e., DIS = low, IN+ or IN- can be switched
through a full cycle, properly setting the upper driver outputs.
Once this is accomplished, LDEL is released to its normal
operating point. It is critical that IN+/IN- switch a full cycle while
LDEL is held high, to avoid shoot-through. This start-up
procedure can be initiated by the supply voltage and/or the chip
enable command by the circuit in Figure 37.
FIGURE 36.
FIGURE 37.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
BHI
DIS
VSS
BLI
ALI
HDEL
AHI
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
3.3K
R2
ENABLE
R1
15K
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
BHI
DIS
VSS
BLI
ALI
HDEL
AHI
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
3.3K
R2
R1
15K
ENABLE
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
HEN
DIS
VSS
OUT
IN+
HDEL
IN-
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
100K
RDEL
RDEL
VDD
0.1
F
2N3906
VDD
ENABLE
VDD
56K
8.2V
56K
100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com