Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080IP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HIP4080IP
Description  80V/2.5A Peak, High FrequencyFull Bridge FET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080IP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HIP4080IP Datasheet HTML 12Page - Renesas Technology Corp HIP4080IP Datasheet HTML 13Page - Renesas Technology Corp HIP4080IP Datasheet HTML 14Page - Renesas Technology Corp HIP4080IP Datasheet HTML 15Page - Renesas Technology Corp HIP4080IP Datasheet HTML 16Page - Renesas Technology Corp HIP4080IP Datasheet HTML 17Page - Renesas Technology Corp HIP4080IP Datasheet HTML 18Page - Renesas Technology Corp HIP4080IP Datasheet HTML 19Page - Renesas Technology Corp HIP4080IP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
1
2
3
1
3
1
3
6
5
1
2
3
2
1
12
13
1
3
10
11
1
2
3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
L1
R21
Q1
Q3
Q4
R22
L2
R23
C1
C3
JMPR1
R24
R30
R31
C2
R34
C4
CR2
CR1
Q2
JMPR3
JMPR2
JMPR4
R33
C5
C6
CX
CY
C8
U1
CW
CW
+
B+
IN2 IN1
BO
OUT/BLI
IN-/AHI
COM
IN+/ALI
+12V
+12V
BLS
AO
HEN/BHI
ALS
CD4069UB
CD4069UB
CD4069UB
CD4069UB
HIP4080/81
SECTION
CONTROL LOGIC
POWER SECTION
DRIVER SECTION
AHO
AHB
AHS
LDEL
ALO
HDEL
ALS
IN-/AHI
VCC
IN+/ALI
VDD
OUT/BLI
BLS
VSS
BLO
DIS
BHS
HEN/BHI
BHO
BHB
R29
U2
U2
U2
U2
4
3
VDD
CD4069UB
U2
8
9
CD4069UB
U2
VDD
ENABLE
O
100K
0.1MFD
I
TO DIS
2N3906
56K
8.2V
56K
O
2
2
2
NOTES:
4. Circuit inside dashed area must be hardwired and
is not included on the evaluation board.
5. Device CD4069UB PIN 7 = COM, Pin 14 = +12V.
6. Components L1, L2, C1, C2, CX, CY, R30, R31,
are not supplied. refer to Application Note for
description of input logic operation to determine
jumper locations for JMPR1 - JMPR4.
FIGURE 34. HIP4080 EVALUATION PC BOARD SCHEMATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com