Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4080IP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP4080IP
Description  80V/2.5A Peak, High FrequencyFull Bridge FET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4080IP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP4080IP Datasheet HTML 7Page - Renesas Technology Corp HIP4080IP Datasheet HTML 8Page - Renesas Technology Corp HIP4080IP Datasheet HTML 9Page - Renesas Technology Corp HIP4080IP Datasheet HTML 10Page - Renesas Technology Corp HIP4080IP Datasheet HTML 11Page - Renesas Technology Corp HIP4080IP Datasheet HTML 12Page - Renesas Technology Corp HIP4080IP Datasheet HTML 13Page - Renesas Technology Corp HIP4080IP Datasheet HTML 14Page - Renesas Technology Corp HIP4080IP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
HIP4080
FN3178 Rev 11.00
Page 11 of 21
February, 2003
FIGURE 14. DISABLE TO UPPER ENABLE TUEN
PROPAGATION DELAY vs TEMPERATURE
FIGURE 15. LOWER DISABLE TURN-OFF PROPAGATION
DELAY TDISLOW vs TEMPERATURE
FIGURE 16. TREF-PW REFRESH PULSE WIDTH vs
TEMPERATURE
FIGURE 17. DISABLE TO LOWER ENABLE TDLPLH
PROPAGATION DELAY vs TEMPERATURE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V,
RHDEL =RLDEL= 100K, and TA = 25oC, Unless Otherwise Specified (Continued)
-40
-20
0
20
40
60
80
100
120
300
320
340
360
380
400
JUNCTION TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
30
40
50
60
70
80
JUNCTION TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
175
225
275
325
375
JUNCTION TEMPERATURE (oC)
-40
-20
0
20
40
60
80
100
120
20
30
40
50
60
70
80
JUNCTION TEMPERATURE (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com