Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FUG/AM Datasheet(PDF) 14 Page - NXP Semiconductors

Part # HTMS8301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FUG/AM Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button HTMS8301FUG/AM Datasheet HTML 10Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 11Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 12Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 13Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 14Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 15Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 16Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 17Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
14 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
11. General protocol timing specification
For requests where an EEPROM erase and/or programming operation is required, the
transponder IC returns its response when it has completed the write/lock operation. This
will be latest after 20 ms upon detection of the last falling edge of the RWD request or
after the RWD has switched off the field.
11.1 Waiting time before transmitting a response after an EOF from the
RWD
When the HITAG µ ISO 18000 transponder IC has detected an EOF of a valid RWD
request or when this EOF is in the normal sequence of a valid RWD request, it shall wait
for TFp1 before starting to transmit its response to a RWD request or when switching to the
next slot in an inventory process.
TFp1 starts from the detection of the falling edge of the EOF received from the RWD.
Remark: The synchronization on the falling edge from the RWD to the EOF of the HITAG
µ ISO 18000 transponder IC is necessary to ensure the required synchronization of the
response.
The minimum value of TFp1 is TFp1min = 204 × TC
The typical value of TFp1 is TFp1typ = 209 × TC
The maximum value of TFp1 is TFp1max = 213 × TC
If the HITAG µ ISO 18000 transponder IC detects a carrier modulation during this time
(TFp1), it shall reset its TFp1-timer and wait for a further time (TFp1) before starting to
transmit its response to a RWD request or to switch to the next slot when in an inventory
process.
Fig 9.
General protocol timing diagram
001aaj833
carrier on
request
response
request (or EOF)
carrier off
load off
load on
HITAG
μ
transceiver
TNRT
TFp1
TFp2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com