Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FUG/AM Datasheet(PDF) 29 Page - NXP Semiconductors

Part # HTMS8301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FUG/AM Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button HTMS8301FUG/AM Datasheet HTML 25Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 26Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 27Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 28Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 29Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 30Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 31Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 32Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
29 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.9 SELECT
The SELECT command is always be executed with SEL flag set to '0' and ADR flag set to
'1'. There are several possibilities upon reception of this command without error:
• If the UII, received by the transponder IC, is equal to its own UII, the transponder IC
enters the Selected state and shall send a response.
• If the received UII is different there are two possibilities
– A transponder IC in a non-selected state (QUIET or READY) is keeping its state
and not sending a response.
– The transponder IC in the Selected state enters the Quiet state and does not send
a response.
Error Flag set to ’0’ indicates no error.
Table 27.
SELECT - request format (18h)
Flags
Command
Data 1
CRC-16
Description
5
6
48
(16)
No. of bits
10(1)00
011000
UII
Table 28.
Response to a successful SELECT request
Error flag
CRC-16
Description
1
(16-bit)
No. of bits
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com