Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FUG/AM Datasheet(PDF) 15 Page - NXP Semiconductors

Part # HTMS8301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FUG/AM Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button HTMS8301FUG/AM Datasheet HTML 11Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 12Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 13Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 14Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 15Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 16Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 17Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 18Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
15 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
11.2 RWD waiting time before sending a subsequent request
• When the RWD has received a HITAG µ ISO 18000 response to a previous request
other than inventory or quiet, it needs to wait TFp2 before sending a subsequent
request. TFp2 starts from the time the last bit has been received from the HITAG µ
ISO 18000.
• When the RWD has sent a quiet request, it needs to wait TFp2 before sending a
subsequent request. TFp2 starts from the end of the quiet request's EOF (falling edge
of EOF pulse + 42
× TC). This results in a waiting time of (150 × TC + 42 × TC) before
the next request.
The minimum value of TFp2 is TFp2min = 150 × TC ensures that the HITAG µ ISO 18000 ICs
are ready to receive a subsequent request.
Remark: The RWD needs to wait at least 2.5 ms after it has activated the electromagnetic
field before sending the first request, to ensure that the HITAG µ ISO 18000 transponder
ICs are ready to receive a request.
• When the RWD has sent an inventory request, it is in an inventory process.
11.3 RWD waiting time before switching to next inventory slot
An inventory process is started when the RWD sends an inventory request. For a detailed
explanation of the inventory process refer to Section 14.3 and Section 14.4.
To switch to the next slot, the RWD sends an EOF after waiting a time period specified in
the following sub-clauses.
11.3.1 RWD started to receive one or more HITAG µ ISO 18000 transponder IC
responses
During an inventory process, when the RWD has started to receive one or more HITAG µ
a ISO 18000 transponder IC responses (i.e. it has detected a transponder IC SOF and/or
a collision), it shall
• wait for the complete reception of the HITAG µ ISO 18000 transponder IC responses
(i.e. when a last bit has been received or when the nominal response time TNRT has
elapsed),
• wait an additional time TFp2 and then send an EOF to switch to the next slot, if a 16
slot anticollision request is processed, or send a subsequent request (which could be
again an inventory request).
TFp2 starts from the time the last bit has been received from the HITAG µ ISO 18000
transponder IC.
The minimum value of TFp2 is TFp2min = 150 × TC.
TNRT is dependant on the anticollisions current mask value and on the setting of the CRCT
flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com