Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FUG/AM Datasheet(PDF) 21 Page - NXP Semiconductors

Part # HTMS8301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FUG/AM Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button HTMS8301FUG/AM Datasheet HTML 17Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 18Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 19Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 20Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 21Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 22Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 23Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 24Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
21 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.1 Flags
Every request command contains five flags which are sent in order Bit 1 (LSB) to Bit 5
(MSB). The specific meaning depends on the context.
Table 10.
Command Flags
Bit Flag
Full name
Value Description
1
PEXT
Protocol EXTension
0
1
No protocol format extension
RFU
2
INV
INVentory
0
1
Flag 4 and Flag 5 are ’SEL’ and ’ADR’ Flag
Flag 4 and Flag 5 are ’RFU’ and ’NOS’ Flag
3
CRCT
CRC-Transponder
0
1
Transponder IC respond without CRC
Transponder IC respond contains CRC
4SEL
(INV==0)
SELect
in combination with ADR (see Table 12)
5ADR
(INV==0)
ADdRess
in combination with SEL (see Table 12)
4AFI
(INV==1)
Reserved for future
use
0
1
AFI field is not present
AFI field is present
5NOS
(INV==1)
0
1
16 slots while performing anti-collision
1 slot while performing anti-collision
Table 11.
Command Flags - Bit order
MSB
bit5
bit4
bit3
bit2
LSB
bit1
INV==0
ADR
SEL
CRCT
INV
PEXT
INV==1
NOS
AFI
CRCT
INV
PEXT
Table 12.
Meaning of ADR and SEL flag
ADR
SEL
Meaning
0
0
Request without UII, all
transponder ICs in READY state shall respond
1
0
Request contains UII, one
transponder IC (with corresponding UII) shall
respond
0
1
Request without UII, the
transponder IC in SELECTED state shall respond
1
1
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com