Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FUG/AM Datasheet(PDF) 36 Page - NXP Semiconductors

Part # HTMS8301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FUG/AM Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button HTMS8301FUG/AM Datasheet HTML 32Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 33Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 34Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 35Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 36Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 37Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 38Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 39Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
36 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
Fig 16. Package outline HVSON2
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT899-1
SOT899-1
05-02-25
05-05-09
Note
1. Plastic or metal protrusions of 0.75 mm maximum per side are not included
UNIT
A
max
mm
1
0.05
0
2.1
1.9
1.35
1.05
3.1
2.9
1.35
1.05
0.5
0.3
A1
DIMENSIONS (mm are the original dimensions)
HVSON2: plastic thermal enhanced very thin small outline package; no leads;
2 terminals; body 3
× 2 × 0.85 mm
D
0.9
0.7
b
Dh
E
Eh
e
2.5
L
y1
0.1
v
0.1
w
0.05
y
0.05
01
2 mm
scale
C
y
C
y1
X
detail X
A
A1
B
A
D
E
terminal 1
index area
b
e
A
C
B
∅ v M
C
∅ w M
Dh
1
2
L
Eh
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com