Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8301FUG/AM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HTMS8301FUG/AM
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FUG/AM Datasheet(HTML) 2 Page - NXP Semiconductors

  HTMS8301FUG/AM Datasheet HTML 1Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 2Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 3Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 4Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 5Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 6Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 7Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 8Page - NXP Semiconductors HTMS8301FUG/AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
2 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
2.3 Memory
1760 bit
Up to 10 000 erase/write cycles
10 years non-volatile data retention
Memory Lock functionality
32-bit password feature
2.4 Supported standards
Full compliant to ISO 18000-2
2.5 Security features
48-bit Unique Item Identification (UII)
2.6 Delivery types
Sawn, gold-bumped 8” wafer
HVSON2
SOT-1122
3. Applications
Industrial applications
Casino gambling
4. Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Type
Version
HTMS1301FUG/AM
Wafer
sawn, megabumped wafer, 150 µm, 8 inch, UV HITAG
μ ISO 18000,
210pF
-
HTMS8301FUG/AM
Wafer
sawn, megabumped wafer, 150 µm, 8 inch, UV HITAG
μ ISO 18000,
280pF
-
HTMS1301FTB/AF
XSON3
plastic extremely thin small outline package; no
leads; 4 terminals; body 1 x 1.45 x 0.5 mm
HITAG
μ ISO 18000,
210pF
SOT1122
HTMS8301FTB/AF
XSON3
plastic extremely thin small outline package; no
leads; 4 terminals; body 1 x 1.45 x 0.5 mm
HITAG
μ ISO 18000,
280pF
SOT1122
HTMS1301FTK/AF
HVSON2
plastic thermal enhanced very thin small outline
package; no leads; 2 terminals; body 3 x 2 x
0.85 mm
HITAG
μ ISO 18000,
210pF
SOT899-1
HTMS8301FTK/AF
HVSON2
plastic thermal enhanced very thin small outline
package; no leads; 2 terminals; body 3 x 2 x
0.85 mm
HITAG
μ ISO 18000,
280pF
SOT899-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com