Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC962305 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC962305
Description  Low-Cost, 3.3V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC962305 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC962305 Datasheet HTML 1Page - Renesas Technology Corp MPC962305 Datasheet HTML 2Page - Renesas Technology Corp MPC962305 Datasheet HTML 3Page - Renesas Technology Corp MPC962305 Datasheet HTML 4Page - Renesas Technology Corp MPC962305 Datasheet HTML 5Page - Renesas Technology Corp MPC962305 Datasheet HTML 6Page - Renesas Technology Corp MPC962305 Datasheet HTML 7Page - Renesas Technology Corp MPC962305 Datasheet HTML 8Page - Renesas Technology Corp MPC962305 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MPC962305 REVISION 8 3/15/16
3
©2016 Integrated Device Technology, Inc.
MPC962305 Data Sheet
LOW-COST, 3.3V ZERO DELAY BUFFEr
Table 3. Select Input Decoding for MPC962309
S2
S1
CLOCK A1–A4
CLOCK B1–B4
CLKOUT(1)
1. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the
reference and output.
Output Source
PLL Shutdown
0
0
Three-State
Three-State
Driven
PLL
N
0
1
Driven
Three-State
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
Table 4. Maximum Ratings
Characteristics
Value
Unit
Supply Voltage to Ground Potential
0.5 to +3.9
V
DC Input Voltage (Except Ref)
0.5 to V
DD+0.5
V
DC Input Voltage REF
0.5 to 5.5
V
Storage Temperature
65 to +150
C
Junction Temperature
150
C
Static Discharge Voltage (per MIL-STD-883, Method 3015)
>2000
V
Table 5. Operating Conditions for MPC962305-X and MPC962309-X Industrial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
40
85
C
CL
Load Capacitance, below 100 MHz
30
pF
CL
Load Capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input Capacitance
7
pF
Table 6. Electrical Characteristics for MPC962305-X and MPC962309-X Industrial Temperature Devices(1)
1. All parameters are specified with loaded outputs.
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage(2)
2. REF input has a threshold voltage of VPP/2.
0.8
V
VIH
Input HIGH Voltage(2)
2.0
V
IIL
Input LOW Current
VIN = 0 V
50.0
A
IIH
Input HIGH Current
VIN = VDD
100.0
A
VOL
Output LOW Voltage(3)
3. Parameter is guaranteed by design and characterization. Not 100% tested in production.
IOL = 8 mA (1)
IOH = 12 mA (1H)
0.4
V
VOH
Output HIGH Voltage(3)
IOH = 8 mA (1)
IOL = 12 mA (1H)
2.4
V
IDD (PD mode)
Power Down Supply Current
REF = 0 MHz
25.0
A
IDD
Supply Current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
35.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com