Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC962305 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC962305
Description  Low-Cost, 3.3V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC962305 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC962305 Datasheet HTML 1Page - Renesas Technology Corp MPC962305 Datasheet HTML 2Page - Renesas Technology Corp MPC962305 Datasheet HTML 3Page - Renesas Technology Corp MPC962305 Datasheet HTML 4Page - Renesas Technology Corp MPC962305 Datasheet HTML 5Page - Renesas Technology Corp MPC962305 Datasheet HTML 6Page - Renesas Technology Corp MPC962305 Datasheet HTML 7Page - Renesas Technology Corp MPC962305 Datasheet HTML 8Page - Renesas Technology Corp MPC962305 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MPC962305 REVISION 8 3/15/16
2
©2016 Integrated Device Technology, Inc.
MPC962305 Data Sheet
LOW-COST, 3.3V ZERO DELAY BUFFEr
Table 1. Pin Description for MPC962309
Pin
Signal
Description
1REF(1)
1. Weak pull-down.
Input reference frequency, 5 V-tolerant input
2
CLKA1(2)
2. Weak pull-down on all outputs.
Buffered clock output, Bank A
3
CLKA2(2)
Buffered clock output, Bank A
4VDD
3.3 V supply
5
GND
Ground
6
CLKB1(2)
Buffered clock output, Bank B
7
CLKB2(2)
Buffered clock output, Bank B
8S2(3)
3. Weak pull-ups on these inputs.
Select input, bit 2
9S1(3)
Select input, bit 1
10
CLKB3(2)
Buffered clock output, Bank B
11
CLKB4(2)
Buffered clock output, Bank B
12
GND
Ground
13
VDD
3.3 V supply
14
CLKA3(2)
Buffered clock output, Bank A
15
CLKA4(2)
Buffered clock output, Bank A
16
CLKOUT(2)
Buffered output, internal feedback on this pin
Table 2. Pin Description for MPC962305
Pin
Signal
Description
1
REF(1)
1. Weak pull-down.
Input reference frequency, 5 V-tolerant input
2
CLK2(2)
2. Weak pull-down on all outputs.
Buffered clock output
3
CLK1(2)
Buffered clock output
4
GND
Ground
5
CLK3(2)
Buffered clock output
6
VDD
3.3 V supply
7
CLK4(2)
Buffered clock output
8
CLKOUT(2)
Buffered clock output, internal feedback on this pin
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
SOIC/TSSOP
Top View
Pin Configuration
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
CLKOUT
PLL
MUX
Select Input
Decoding
S2
S1
REF
Block Diagram
1
2
3
4
8
7
6
5
CLKOUT
CLK4
VDD
CLK3
REF
CLK2
CLK1
GND
SOIC/TSSOP
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com