Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC962305 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC962305
Description  Low-Cost, 3.3V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC962305 Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC962305 Datasheet HTML 1Page - Renesas Technology Corp MPC962305 Datasheet HTML 2Page - Renesas Technology Corp MPC962305 Datasheet HTML 3Page - Renesas Technology Corp MPC962305 Datasheet HTML 4Page - Renesas Technology Corp MPC962305 Datasheet HTML 5Page - Renesas Technology Corp MPC962305 Datasheet HTML 6Page - Renesas Technology Corp MPC962305 Datasheet HTML 7Page - Renesas Technology Corp MPC962305 Datasheet HTML 8Page - Renesas Technology Corp MPC962305 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MPC962305 REVISION 8 3/15/16
4
©2016 Integrated Device Technology, Inc.
MPC962305 Data Sheet
LOW-COST, 3.3V ZERO DELAY BUFFEr
Table 7. Switching Characteristics for MPC962305-1 and MPC962309-1 Industrial Temperature Devices(1)
1. All parameters are specified with loaded outputs.
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30-pF load
10-pF load
10
10
100
133.33
MHz
MHz
Duty Cycle(2) = t2 t1
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Measured at 1.4 V, FOUT = 66.67 MHz
40.0
50.0
60.0
%
t3
Rise Time(2)
Measured between 0.8 V and 2.0 V
2.50
ns
t4
Fall Time(2)
Measured between 0.8 V and 2.0 V
2.50
ns
t5
Output to Output Skew(2)
All outputs equally loaded
250
ps
t6A
Delay, REF Rising Edge to
CLKOUT Rising Edge(2)
Measured at VDD/2
0
350
ps
t6B
Delay, REF Rising Edge to
CLKOUT Rising Edge(2)
Measured at VDD/2. Measured in PLL Bypass Mode,
MPC962309 device only
15
8.7
ns
t7
Device to Device Skew(2)
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
tJ
Cycle to Cycle Jitter(2)
Measured at 66.67 MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time(2)
Stable power supply, valid clock presented on REF pin
1.0
ms
Table 8. Switching Characteristics for MPC962305-1H and MPC962309-1H Industrial Temperature Devices(1)
1. All parameters are specified with loaded outputs.
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30-pF load
10-pF load
10
10
100
133.33
MHz
MHz
Duty Cycle(2) = t2
t1
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Measured at 1.4 V, FOUT = 66.67 MHz
40.0
50.0
60.0
%
Duty Cycle(2) = t2
t1
Measured at 1.4 V, FOUT < 50 MHz
45.0
55.0
55.0
%
t3
Rise Time(2)
Measured between 0.8 V and 2.0 V
1.50
ns
t4
Fall Time(2)
Measured between 0.8 V and 2.0 V
1.50
ns
t5
Output to Output Skew(2)
All outputs equally loaded
250
ps
t6A
Delay, REF Rising Edge to
CLKOUT Rising Edge(2)
Measured at VDD/2
0
350
ps
t6B
Delay, REF Rising Edge to
CLKOUT Rising Edge(2)
Measured at VDD/2. Measured in PLL Bypass Mode,
MPC962309 device only
15
8.7
ns
t7
Device to Device Skew(2)
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
t8
Output Slew Rate(2)
Measured between 0.8 V and 2.0 V using Test Circuit #2
1
V/ns
tJ
Cycle to Cycle Jitter(2)
Measured at 66.67 MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time(2)
Stable power supply, valid clock presented on REF pin
1.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com