Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC962305 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MPC962305
Description  Low-Cost, 3.3V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC962305 Datasheet(HTML) 5 Page - Renesas Technology Corp

  MPC962305 Datasheet HTML 1Page - Renesas Technology Corp MPC962305 Datasheet HTML 2Page - Renesas Technology Corp MPC962305 Datasheet HTML 3Page - Renesas Technology Corp MPC962305 Datasheet HTML 4Page - Renesas Technology Corp MPC962305 Datasheet HTML 5Page - Renesas Technology Corp MPC962305 Datasheet HTML 6Page - Renesas Technology Corp MPC962305 Datasheet HTML 7Page - Renesas Technology Corp MPC962305 Datasheet HTML 8Page - Renesas Technology Corp MPC962305 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MPC962305 REVISION 8 3/15/16
5
©2016 Integrated Device Technology, Inc.
MPC962305 Data Sheet
LOW-COST, 3.3V ZERO DELAY BUFFEr
APPLICATIONS INFORMATION
Figure 1. Output-to-Output Skew tSK(O)
Figure 2. Static Phase Offset Test Reference
Figure 3. Output Duty Cycle (DC)
Figure 4. Device-to-Device Skew
Figure 5. Cycle-to-Cycle Jitter
Figure 6. Output Transition Time Test Reference
The pin-to-pin skew is defined as the worst case difference in propagation
delay between any similar delay path within a single device
VCC
1.4 V
GND
VCC
1.4 V
GND
t5
VCC
VCC 2
GND
VCC
VCC 2
GND
t6
CCLK
FB_IN
The time from the PLL controlled edge to the non-controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage
VCC
1.4 V
GND
t2
t1
DC = t2/t1 x 100%
VCC
VCC 2
GND
VCC
VCC 2
GND
t7
DEVICE 1
DEVICE 2
The variation in cycle time of a signal between adjacent cycles,
over a random sample of adjacent cycle pairs
tN
tJ = |tN–tN+1|
tN+1
t4
t3
VCC = 3.3 V
2.0
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com