Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC962305 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # MPC962305
Description  Low-Cost, 3.3V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC962305 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button MPC962305 Datasheet HTML 2Page - Renesas Technology Corp MPC962305 Datasheet HTML 3Page - Renesas Technology Corp MPC962305 Datasheet HTML 4Page - Renesas Technology Corp MPC962305 Datasheet HTML 5Page - Renesas Technology Corp MPC962305 Datasheet HTML 6Page - Renesas Technology Corp MPC962305 Datasheet HTML 7Page - Renesas Technology Corp MPC962305 Datasheet HTML 8Page - Renesas Technology Corp MPC962305 Datasheet HTML 9Page - Renesas Technology Corp MPC962305 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MPC962305 REVISION 8 3/15/16
6
©2016 Integrated Device Technology, Inc.
MPC962305 Data Sheet
LOW-COST, 3.3V ZERO DELAY BUFFEr
Table 9. Ordering Information
Ordering Code
Package Type
MPC962305D-1
8-pin 150-mil SOIC
MPC962305D-1R2
8-pin 150-mil SOIC - Tape and Reel
MPC962305EF-1
8-pin 150-mil SOIC (Pb-free)
MPC962305EF-1R2
8-pin 150-mil SOIC (Pb-free) - Tape and Reel
MPC962305D-1H
8-pin 150-mil SOIC
MPC962305D-1HR2
8-pin 150-mil SOIC - Tape and Reel
MPC962305EF-1H
8-pin 150-mil SOIC (Pb-free)
MPC962305EF-1HR2
8-pin 150-mil SOIC (Pb-free) - Tape and Reel
MPC962305DT-1H
8-pin 150-mil TSSOP
MPC962305DT-1HR2
8-pin 150-mil TSSOP - Tape and Reel
MPC962305EJ-1H
8-pin 150-mil TSSOP (Pb-free)
MPC962305EJ-1HR2
8-pin 150-mil TSSOP (Pb-free) - Tape and Reel
MPC962309D-1
16-pin 150-mil SOIC
MPC962309D-1R2
16-pin 150-mil SOIC - Tape and Reel
MPC962309EF-1
16-pin 150-mil SOIC (Pb-free)
MPC962309EF-1R2
16-pin 150-mil SOIC (Pb-free) - Tape and Reel
MPC962309D-1H
16-pin 150-mil SOIC
MPC962309D-1HR2
16-pin 150-mil SOIC - Tape and Reel
MPC962309EF-1H
16-pin 150-mil SOIC (Pb-free)
MPC962309EF-1HR2
16-pin 150-mil SOIC (Pb-free) - Tape and Reel
MPC962309DT-1H
16-pin 4.4-mm TSSOP
MPC962309DT-1HR2
16-pin 4.4-mm TSSOP - Tape and Reel
MPC962309EJ-1H
16-pin 4.4-mm TSSOP (Pb-free)
MPC962309EJ-1HR2
16-pin 4.4-mm TSSOP (Pb-free) - Tape and Reel
0.1
F
0.1
F
CLKOUT
CLOAD
VDD
VDD
OUTPUTS
GND
GND
Test Circuit #1
Test Circuit for all parameters except t8
0.1
F
0.1
F
CLKOUT
10 pF
VDD
VDD
OUTPUTS
GND
GND
Test Circuit #2
Test Circuit for t8, Output slew rate on –1H, –5 device
1 K
1 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com