Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC962305 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC962305
Description  Low-Cost, 3.3V Zero Delay Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC962305 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC962305 Datasheet HTML 1Page - Renesas Technology Corp MPC962305 Datasheet HTML 2Page - Renesas Technology Corp MPC962305 Datasheet HTML 3Page - Renesas Technology Corp MPC962305 Datasheet HTML 4Page - Renesas Technology Corp MPC962305 Datasheet HTML 5Page - Renesas Technology Corp MPC962305 Datasheet HTML 6Page - Renesas Technology Corp MPC962305 Datasheet HTML 7Page - Renesas Technology Corp MPC962305 Datasheet HTML 8Page - Renesas Technology Corp MPC962305 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATASHEET
Low-Cost, 3.3V Zero Delay Buffer
MPC962305
MPC962305 REVISION 8 3/15/16
1
©2016 Integrated Device Technology, Inc.
The MPC962309 is a zero delay buffer designed to distribute high-speed
clocks. Available in a 16-pin SOIC or TSSOP package, the device accepts one
reference input and drives nine low-skew clocks. The MPC962305 is the 8-pin
version of the MPC962309 which drives five outputs with one reference input.
The -1H versions of these devices have higher drive than the -1 devices and can
operate up to 100/-133 MHz frequencies. These parts have on-chip PLLs which
lock to an input clock presented on the REF pin. The PLL feedback is on-chip and
is obtained from the CLOCKOUT pad.
Features
•
1:5 LVCMOS zero-delay buffer (MPC962305)
•
1:9 LVCMOS zero-delay buffer (MPC962309)
•
Zero input-output propagation delay
•
Multiple low-skew outputs
•
250 ps max output-output skew
•
700 ps max device-device skew
•
Supports a clock I/O frequency range of 10 MHz to 133 MHz,
compatible with CPU and PCI bus frequencies
•
Low jitter, 200 ps max cycle-cycle, and compatible with Pentium® based
systems
•
Test Mode to bypass PLL (MPC962309 only. See Table 3)
•
8-pin SOIC or 8-pin TSSOP package (MPC962305);16-pin SOIC or 16-pin
TSSOP package (MPC962309), all Pb-free
•
Single 3.3 V supply
•
Ambient temperature range: –40
C to +85C
•
Compatible with the CY2305, CY23S05, CY2309, CY23S09
•
Spread spectrum compatible
•
For drop in replacement for MPC962305 use 2305
•
For drop in replacement for MPC962309 use 2309
The MPC962309 has two banks of four outputs each, which can be controlled by the Select Inputs as shown in Table 3. Bank
B can be tri-stated if all of the outputs are not required. Select inputs also allow the input clock to be directly applied to the outputs
for chip and system testing purposes.
The MPC962305 and MPC962309 PLLs enters a power down state when there are no rising edges on the REF input. During
this state, all of the outputs are in tristate, the PLL is turned off, and there is less than 25.0
A of current draw for the device. The
PLL shuts down in one additional case as shown in Table 3.
Multiple MPC962305 and MPC962309 devices can accept the same input clock and distribute it throughout the system. In this
situation, the difference between the output skews of two devices will be less than 700 ps.
All outputs have less than 200 ps of cycle-cycle jitter. The input-to-output propagation delay on both devices is guaranteed to
be less than 350 ps and the output-to-output skew is guaranteed to be less than 250 ps.
The MPC962305 and MPC962309 are available in two/three different configurations, as shown on the ordering information
page. The MPC962305-1/MPC962309-1 are the base parts. High drive versions of those devices, MPC962305-1H and
MPC962309-1H, are available to provide faster rise and fall times of the base device.
Pentium II is a trademark of Intel Corporation.
MPC962305
MPC962309
EF SUFFIX
8-LEAD SOIC PACKAGE
Pb-FREE PACKAGE
CASE 751-06
EJ SUFFIX
8-LEAD TSSOP PACKAGE
Pb-FREE PACKAGE
CASE 948J-01
EF SUFFIX
16-LEAD SOIC PACKAGE
Pb-FREE PACKAGE
CASE 751B-05
EJ SUFFIX
16-LEAD TSSOP PACKAGE
Pb-FREE PACKAGE
CASE 948F-01
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC962305

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962305 MOTOROLA-MPC962305 Datasheet
447Kb / 12P
Low-Cost 3.3 V Zero Delay Buffer
MPC962305D-1 MOTOROLA-MPC962305D-1 Datasheet
447Kb / 12P
Low-Cost 3.3 V Zero Delay Buffer
logo
Integrated Device Techn...
MPC962305D-1 IDT-MPC962305D-1 Datasheet
500Kb / 18P
Low-Cost, 3.3V Zero Delay Buffer
logo
Motorola, Inc
MPC962305D-1H MOTOROLA-MPC962305D-1H Datasheet
447Kb / 12P
Low-Cost 3.3 V Zero Delay Buffer
logo
Integrated Device Techn...
MPC962305D-1H IDT-MPC962305D-1H Datasheet
500Kb / 18P
Low-Cost, 3.3V Zero Delay Buffer
More results

Similar Description - MPC962305

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
LOW-COST 3.3V ZERO DELAY BUFFER
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
LOW-COST 3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
Low-Cost 3.3V Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
Low Cost 3.3V Spread Aware Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
Low-Cost 3.3V Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
Low Cost 3.3V Spread Aware Zero Delay Buffer
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
Low Cost 3.3V Zero Delay Buffer
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
Low-Cost, 3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com