Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4002 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4002 Datasheet HTML 3Page - Analog Devices ADF4002 Datasheet HTML 4Page - Analog Devices ADF4002 Datasheet HTML 5Page - Analog Devices ADF4002 Datasheet HTML 6Page - Analog Devices ADF4002 Datasheet HTML 7Page - Analog Devices ADF4002 Datasheet HTML 8Page - Analog Devices ADF4002 Datasheet HTML 9Page - Analog Devices ADF4002 Datasheet HTML 10Page - Analog Devices ADF4002 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADF4002
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0
–5
–10
–15
–20
–25
–30
–40
–35
0
100
200
300
400
500
600
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 5. RF Input Sensitivity
0
12345
10
9
68
7
FREQUENCY (MHz)
0
–5
–10
–15
–20
–25
–40°C
+25°C
+85°C
Figure 6. RF Input Sensitivity, Low Frequency
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
rms NOISE = 0.07 DEGREES
Figure 7. Integrated Phase Noise (400 MHz, 1 MHz, 50 kHz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
rms NOISE = 0.03 DEGREES
Figure 8. Integrated Phase Noise (400 MHz, PFD = 200 MHz, 50 kHz)
–130
–135
–140
–145
–155
–160
–165
–170
–175
–180
100k
1M
10M
100M
1G
PFD FREQUENCY (Hz)
Figure 9. Phase Noise (Referred to CP Output) vs. PFD Frequency
REF –4dBm
SAMP LOG 10dB/
ATTN 10dB
VBW 20KHz
MKR1 1.000 MHz
–94.5dBc
CENTER 399.995MHz
RES BW 20KHz
SPAN 2.2MHz
SWEEP 21ms (601pts)
–94.5dBc
0
–10
–20
–30
–40
–50
–60
–70
–90
–100
–80
1
1R
Figure 10. Reference Spurs (400 MHz, 1 MHz, 7 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com