Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4002 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 1 Page - Analog Devices

  ADF4002 Datasheet HTML 1Page - Analog Devices ADF4002 Datasheet HTML 2Page - Analog Devices ADF4002 Datasheet HTML 3Page - Analog Devices ADF4002 Datasheet HTML 4Page - Analog Devices ADF4002 Datasheet HTML 5Page - Analog Devices ADF4002 Datasheet HTML 6Page - Analog Devices ADF4002 Datasheet HTML 7Page - Analog Devices ADF4002 Datasheet HTML 8Page - Analog Devices ADF4002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Phase Detector/Frequency Synthesizer
ADF4002
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
400 MHz bandwidth
2.7 V to 3.3 V power supply
Separate charge pump supply (VP) allows extended
tuning voltage in 3 V systems
Programmable charge pump currents
3-wire serial interface
Analog and digital lock detect
Hardware and software power-down mode
200 MHz phase detector
APPLICATIONS
Clock conditioning
Clock generation
IF LO generation
GENERAL DESCRIPTION
The ADF4002 frequency synthesizer is used to implement local
oscillators in the upconversion and downconversion sections of
wireless receivers and transmitters. It consists of a low-noise
digital phase frequency detector (PFD), a precision charge
pump, a programmable reference divider, and programmable
N divider. The 14-bit reference counter (R counter), allows
selectable REFIN frequencies at the PFD input. A complete
phase-locked loop (PLL) can be implemented if the synthesizer
is used with an external loop filter and voltage controlled
oscillator (VCO). In addition, by programming R and N to 1,
the part can be used as a stand alone PFD and charge pump.
FUNCTIONAL BLOCK DIAGRAM
CLK
DATA
LE
REFIN
RFINA
RFINB
24-BIT INPUT
REGISTER
SDOUT
AVDD
DVDD
CE
AGND DGND
14-BIT
R COUNTER
R COUNTER
LATCH
22
14
FUNCTION
LATCH
N COUNTER
LATCH
13-BIT
N COUNTER
M3 M2 M1
MUX
SDOUT
AVDD
HIGH Z
MUXOUT
CPGND
RSET
VP
CP
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
REFERENCE
CHARGE
PUMP
CURRENT
SETTING 1
ADF4002
CPI3 CPI2 CPI1
CPI6 CPI5 CPI4
CURRENT
SETTING 2
Figure 1.


Similar Part No. - ADF4002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002 AD-ADF4002_15 Datasheet
371Kb / 20P
Phase Detector/Frequency Synthesizer
REV. C
More results

Similar Description - ADF4002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
Phase-Frequency Detector
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
Phase-Frequency Detector
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Analog Devices
ADF4002 AD-ADF4002_15 Datasheet
371Kb / 20P
Phase Detector/Frequency Synthesizer
REV. C
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
Serial Input PLL Frequency Synthesizer with analog phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
Serial Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com