Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4002 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4002 Datasheet HTML 12Page - Analog Devices ADF4002 Datasheet HTML 13Page - Analog Devices ADF4002 Datasheet HTML 14Page - Analog Devices ADF4002 Datasheet HTML 15Page - Analog Devices ADF4002 Datasheet HTML 16Page - Analog Devices ADF4002 Datasheet HTML 17Page - Analog Devices ADF4002 Datasheet HTML 18Page - Analog Devices ADF4002 Datasheet HTML 19Page - Analog Devices ADF4002 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADF4002
Rev. 0 | Page 16 of 24
Charge Pump Currents
CPI3, CPI2, and CPI1 program Current Setting 1 for the charge
pump. CPI6, CPI5, and CPI4 program Current Setting 2 for the
charge pump. See Figure 19 for the truth table.
PD Polarity
This bit sets the phase detector polarity bit (see Figure 19).
CP Three-State
This bit controls the CP output pin. Setting the bit high, puts
the CP output into three-state. With the bit set low, the CP
output is enabled.
THE INITIALIZATION LATCH
The initialization latch is programmed when C2, C1 = 1, 1. This
is essentially the same as the function latch (programmed when
C2, C1 = 1, 0).
However, when the initialization latch is programmed there is
an additional internal reset pulse applied to the R and N
counters. This pulse ensures that the N counter is at load point
when the N counter data is latched and the device begins
counting in close phase alignment.
If the latch is programmed for synchronous power-down (CE
pin is high; PD1 bit is high; and PD2 bit is low), the internal
pulse also triggers this power-down. The prescaler reference
and the oscillator input buffer are unaffected by the internal
reset pulse, thereby maintaining close phase alignment when
counting resumes.
When the first N counter data is latched after initialization, the
internal reset pulse is reactivated. However, successive AB
counter loads after this do not trigger the internal reset pulse.
Device Programming After Initial Power-Up
After initially powering up the device, there are three ways to
program the device.
Initialization Latch Method
1.
Apply VDD.
2.
Program the initialization latch (11 in two LSBs of input
word). Make sure that the F1 bit is programmed to 0.
3.
Conduct a function latch load (10 in two LSBs of the
control word). Make sure that the F1 bit is programmed to 0.
4.
Perform an R load (00 in two LSBs).
5.
Perform an N load (01 in two LSBs).
When the initialization latch is loaded, the following occurs:
•
The function latch contents are loaded.
•
An internal pulse resets the R, N, and timeout counters to
load-state conditions and three-states the charge pump.
Note that the prescaler band gap reference and the
oscillator input buffer are unaffected by the internal reset
pulse, allowing close phase alignment when counting
resumes.
•
Latching the first N counter data after the initialization
word activates the same internal reset pulse. Successive N
loads do not trigger the internal reset pulse unless there is
another initialization.
CE Pin Method
1.
Apply VDD.
2.
Bring CE low to put the device into power-down. This is an
asynchronous power-down because it happens
immediately.
3.
Program the function latch (10).
4.
Program the R counter latch (00).
5.
Program the N counter latch (01).
6.
Bring CE high to take the device out of power-down. The
R and N counters resume counting in close alignment.
Note that after CE goes high, a duration of 1 μs can be
required for the prescaler band gap voltage and oscillator
input buffer bias to reach steady state.
CE can be used to power the device up and down to check for
channel activity. The input register does not need to be
reprogrammed each time the device is disabled and enabled, as
long as it has been programmed at least once after VDD was
initially applied.
Counter Reset Method
1.
Apply VDD.
2.
Do a function latch load (10 in two LSBs). As part of this
step, load 1 to the F1 bit. This enables the counter reset.
3.
Perform an R counter load (00 in two LSBs).
4.
Perform an N counter load (01 in two LSBs).
5.
Do a function latch load (10 in two LSBs). As part of this
step, load 0 to the F1 bit. This disables the counter reset.
This sequence provides the same close alignment as the
initialization method. It offers direct control over the internal
reset. Note that counter reset holds the counters at load point
and three-states the charge pump, but does not trigger
synchronous power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com