Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4002 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4002 Datasheet HTML 13Page - Analog Devices ADF4002 Datasheet HTML 14Page - Analog Devices ADF4002 Datasheet HTML 15Page - Analog Devices ADF4002 Datasheet HTML 16Page - Analog Devices ADF4002 Datasheet HTML 17Page - Analog Devices ADF4002 Datasheet HTML 18Page - Analog Devices ADF4002 Datasheet HTML 19Page - Analog Devices ADF4002 Datasheet HTML 20Page - Analog Devices ADF4002 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADF4002
Rev. 0 | Page 17 of 24
APPLICATIONS
VERY LOW JITTER ENCODE CLOCK FOR HIGH
SPEED CONVERTERS
Figure 21 shows the ADF4002 with a VCXO to provide the
encode clock for a high speed analog-to-digital converter (ADC).
The converter used in this application is an AD9215-80, a 12-bit
converter that accepts up to an 80 MHz encode clock. To realize
a stable low jitter clock, use a 77.76 MHz, narrow band VCXO.
This example assumes a 19.44 MHz reference clock.
To minimize the phase noise contribution of the ADF4002, the
smallest multiplication factor of 4 is used. Thus, the R divider is
programmed to 1, and the N divider is programmed to 4.
The charge pump output of the ADF4002 (Pin 2) drives the
loop filter. The loop filter bandwidth is optimized for the best
possible rms jitter, a key factor in the signal-to-noise ratio
(SNR) of the ADC. Too narrow a bandwidth allows the VCXO
noise to dominate at small offsets from the carrier frequency.
Too wide a bandwidth allows the ADF4002 noise to dominate at
offsets where the VCXO noise is lower than the ADF4002 noise.
Thus, the intersection of the VCXO noise and the ADF4002 in-
band noise is chosen as the optimum loop filter bandwidth.
The design of the loop filter uses the ADIsimPLL (Version 3.0)
and is available as a free download from www.analog.com/pll.
The rms jitter is measured at <1.2 ps. This level is lower than
the maximum allowable 6 ps rms required to ensure the
theoretical SNR performance of 59 dB for this converter.
The setup shown in Figure 21 using the ADF4002, AD9215, and
HSC-ADC-EVALA-SC, allows the user to quickly and
effectively determine the suitability of the converter and encode
clock. The SPI® interface is used to control the ADF4002, and
the USB interface helps control the operation of the AD9215-
80. The controller board sends back FFT information to the PC
that, if using an ADC analyzer, provides all conversion results
from the ADC.
VCXO: 77.76MHz
HC-ADC-EVALA-SC
PC
TCXO:
19.44MHz
ENCODE
CLOCK
AIN
ADF4002
N = 4
PD
R = 1
SPI
AGILENT:
500kHz, 1.8V p-p
AD9215-80
Figure 21. ADF4002 as Encode Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com