Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4002 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 3 Page - Analog Devices

  ADF4002 Datasheet HTML 1Page - Analog Devices ADF4002 Datasheet HTML 2Page - Analog Devices ADF4002 Datasheet HTML 3Page - Analog Devices ADF4002 Datasheet HTML 4Page - Analog Devices ADF4002 Datasheet HTML 5Page - Analog Devices ADF4002 Datasheet HTML 6Page - Analog Devices ADF4002 Datasheet HTML 7Page - Analog Devices ADF4002 Datasheet HTML 8Page - Analog Devices ADF4002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADF4002
Rev. 0 | Page 3 of 24
SPECIFICATIONS
AVDD = DVDD = 3 V ± 10%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω,
TA = TMAX to TMIN, unless otherwise noted.
Table 1.
B Version1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RF CHARACTERISTICS
See Figure 12 for input circuit
RF Input Sensitivity
−10
0
dBm
RF Input Frequency (RFIN)
5
400
MHz
For RFIN < 5 MHz, ensure slew rate (SR) > 4 V/μs
REFIN CHARACTERISTICS
REFIN Input Frequency
20
300
MHz
For REFIN < 20 MHz, ensure SR > 50 V/μs
REFIN Input Sensitivity2
0.8
VDD
V p-p
Biased at AVDD/23
REFIN Input Capacitance
10
pF
REFIN Input Current
±100
μA
PHASE DETECTOR
Phase Detector Frequency4
200
MHz
CHARGE PUMP
Programmable, see Figure 19
ICP Sink/Source
High Value
5
mA
With RSET = 5.1 kΩ
Low Value
625
μA
Absolute Accuracy
2.5
%
With RSET = 5.1 kΩ
RSET Range
3.0
11
kΩ
See Figure 19
ICP Three-State Leakage
1
nA
TA = 25°C
ICP vs. VCP
1.5
%
0.5 V ≤ VCP ≤ VP – 0.5 V
Sink and Source Current Matching
2
%
0.5 V ≤ VCP ≤ VP – 0.5 V
ICP vs. Temperature
2
%
VCP = VP/2
LOGIC INPUTS
VIH, Input High Voltage
1.4
V
VIL, Input Low Voltage
0.6
V
IINH, IINL, Input Current
±1
μA
CIN, Input Capacitance
10
pF
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
V
Open-drain output chosen, 1 kΩ pull-up resistor to 1.8 V
VOH, Output High Voltage
VDD – 0.4
V
CMOS output chosen
IOH
100
μA
VOL, Output Low Voltage
0.4
V
IOL = 500 μA
POWER SUPPLIES
AVDD
2.7
3.3
V
DVDD
AVDD
VP
AVDD
5.5
V
AVDD ≤ VP ≤ 5.5 V
IDD5 (AIDD
DD
+ DI )
5.0
6.0
mA
IP
0.4
mA
TA = 25°C
Power-Down Mode
1
μA
AIDD + DIDD
NOISE CHARACTERISTICS
Normalized Phase Noise Floor6
–222
dBc/Hz
1 Operating temperature range (B version) is –40°C to +85°C.
2 AVDD = DVDD = 3 V.
3 AC coupling ensures AVDD/2 bias.
4 Guaranteed by design. Sample tested to ensure compliance. Use of the PFD at frequencies above 104 MHz requires the minimum antibacklash pulse width enabled.
5 TA = 25°C; AVDD = DVDD = 3 V; RFIN = 350 MHz. The current for any other setup (25°C, 3.0 V) in mA is given by 2.35 + 0.0046 (REFIN) + 0.0062 (RF), RF frequency and REFIN
frequency in MHz.
6 The normalized phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N divider value)
and 10logFPFD. PNSYNTH = PNTOT – 10logFPFD – 20logN. All phase noise measurements were performed with an Agilent E5500 phase noise test system, using the EVAL-
ADF4002EB1 and the HP8644B as the PLL reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com