Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4002 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4002 Datasheet HTML 14Page - Analog Devices ADF4002 Datasheet HTML 15Page - Analog Devices ADF4002 Datasheet HTML 16Page - Analog Devices ADF4002 Datasheet HTML 17Page - Analog Devices ADF4002 Datasheet HTML 18Page - Analog Devices ADF4002 Datasheet HTML 19Page - Analog Devices ADF4002 Datasheet HTML 20Page - Analog Devices ADF4002 Datasheet HTML 21Page - Analog Devices ADF4002 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADF4002
Rev. 0 | Page 18 of 24
PFD
As the ADF4002 permits both R and N counters to be
programmed to 1, the part can effectively be used as a stand
alone PFD and charge pump. This is particularly useful in either
a clock cleaning application or a high performance LO. Addi-
tionally, the very low normalized phase noise floor (−222 dBc/Hz)
enables very low in-band phase noise levels. It is possible to
operate the PFD up to a maximum frequency of 200 MHz.
In Figure 22, the reference frequency equals the PFD, therefore,
R = 1. The charge pump output integrates into a stable control
voltage for the VCXO, and the output from the VCXO is
divided down to the desired PFD frequency using an external
divider.
8
2
16
15
7
6
5
9
4
3
1
REFIN
REFIN
RSET
RFINA
RFINB
VDD
VP
ADF4002
DECOUPLING CAPACITORS AND
INTERFACE SIGNALS HAVE BEEN
OMITTED FROM THE DIAGRAM IN
THE INTERESTS OF GREATER
CLARITY.
100pF
100pF
51Ω
10kΩ
LOOP
FILTER
GND
VCO
OR
VCXO
VCC
GND
EXTERNAL PRESCALER
18Ω
18Ω
18Ω
100pF
100pF
RFOUT
VCC
VCC
Figure 22. ADF4002 as a PFD
INTERFACING
The ADF4002 has a simple SPI-compatible serial interface for
writing to the device. CLK, DATA, and LE control the data
transfer. When the latch enable (Pin LE) goes high, the 24 bits
that have been clocked into the input register on each rising
edge of CLK are transferred to the appropriate latch. For more
information, see Figure 2 for the timing diagram and Table 6 for
the latch truth table.
The maximum allowable serial clock rate is 20 MHz. This
means that the maximum update rate possible for the device is
833 kHz, or one update every 1.2 μs. This is certainly more than
adequate for systems that have typical lock times in hundreds of
microseconds.
ADuC812 Interface
Figure 23 shows the interface between the ADF4002 and the
ADuC812 MicroConverter®. Since the ADuC812 is based on an
8051 core, this interface can be used with any 8051-based
microcontroller. The MicroConverter is set up for SPI master
mode with CPHA = 0. To initiate the operation, the I/O port
driving LE is brought low. Each latch of the ADF4002 needs a
24-bit word. This is accomplished by writing three, 8-bit bytes
from the MicroConverter to the device. When the third byte
has been written, bring the LE input high to complete the
transfer.
On first applying power to the ADF4002, it needs four writes
(one each to the initialization latch, function latch, R counter
latch, and N counter latch) for the output to become active.
I/O port lines on the ADuC812 are also used to control power-
down (CE input) and to detect lock (MUXOUT configured as
lock detect and polled by the port input).
When operating in the SPI master mode, the maximum
SCLOCK rate of the ADuC812 is 4 MHz. This means that the
maximum rate at which the output frequency can be changed is
166 kHz.
CLK
DATA
LE
CE
MUXOUT
(LOCK DETECT)
MOSI
SCLOCK
I/O PORTS
ADuC812
ADF4002
Figure 23. ADuC812 to ADF4002 Interface
ADSP2181 Interface
Figure 24 shows the interface between the ADF4002 and the
ADSP21xx digital signal processor. The ADF4002 needs a
24-bit serial word for each latch write. The easiest way to
accomplish this using the ADSP21xx family is to use the
autobuffered transmit mode of operation with alternate
framing. This provides a means for transmitting an entire block
of serial data before an interrupt is generated. Set up the word
length for 8 bits and use three memory locations for each 24-bit
word. To program each 24-bit latch, store the three 8-bit bytes,
enable the autobuffered mode, and then write to the transmit
register of the DSP. This last operation initiates the autobuffer
transfer.
CLK
DATA
LE
CE
MUXOUT
(LOCK DETECT)
ADSP21xx
ADF4002
DT
SCLK
I/O FLAGS
TFS
Figure 24. ADSP-21xx to ADF4002 Interface
PCB DESIGN GUIDELINES FOR CHIP SCALE
PACKAGE
The lands on the lead frame chip scale package (CP-20-1) are
rectangular. The printed circuit board pad for these should be
0.1 mm longer than the package land length and 0.05 mm wider
than the package land width. The land should be centered on
the pad. This ensures that the solder joint size is maximized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com