Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8020D Datasheet(PDF) 5 Page - Analog Devices

Part # AND8020D
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020D Datasheet(HTML) 5 Page - Analog Devices

  AND8020D Datasheet HTML 1Page - Analog Devices AND8020D Datasheet HTML 2Page - Analog Devices AND8020D Datasheet HTML 3Page - Analog Devices AND8020D Datasheet HTML 4Page - Analog Devices AND8020D Datasheet HTML 5Page - Analog Devices AND8020D Datasheet HTML 6Page - Analog Devices AND8020D Datasheet HTML 7Page - Analog Devices AND8020D Datasheet HTML 8Page - Analog Devices AND8020D Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AND8020/D
http://onsemi.com
5
TERMINATION OF ECL LOGIC DEVICES
SECTION 2. PARALLEL TERMINATION − EXTERNAL AND INTERNAL
Rt
Rt
External
Internal
Near (Standard Pair)
Far (Standard Pair)
Near (Standard Pair)
Far (Standard Pair)
VEE
Rt
VTT
Vt
Rt
Rt
Rt
Rt
Vt1
Vt2
Rt
Rt
Rt
Rt
Vt1
Vt2
VEE
Vto
(Open)
VEE
(Shorted)
VTT
VTT
RE
RE
RE
RE
RE
RE
Parallel termination advantages:
• Method of choice for best circuit performance
• Particularly excellent for driving distributed loads
• Undistorted waveform along the full length of the line
• Decreased power consumption.
Far DC Current Return − VTT
A parallel terminated line is one in which the receiving end
is signal terminated internally or externally (usually to a
voltage VTT) through a resistor (Rt) with a value equal to the
line characteristic impedance (Figure 4). This line also carries
the biasing current for the drivers output far from the driver.
Output current and power dissipation is decreased due to use
of a VTT termination supply. The VTT supply must sustain the
emitter follower output transistor in its active operating region
under all operating conditions. A minimum continuous current
occurs for the most negative VOL, therefore the VTT supply
must remain more negative than the worst case VOLmin and
always sink current.
Standard VTT is 2.0 V below VCC supply. A parallel
resistor, Rt, matching the controlled impedance transmission
line, Z0, connects the signal to the VTT supply. The Parallel
Termination to VTT is shown in Figure 4. The termination
resistors may be internal or external and either ganged into a
Combo pin or offered as Singulated pins. Some devices may
have each internal resistors independently pinned out,
allowing further termination versatility.
Figure 4. Parallel Termination to VTT − Differential and Single−Ended with Combo or Singulated Vt Pins (Far Return)
VTT
Rt = Z0
VTT = VCC −2.0 V
T−Line Z0
VTT
(*or twisted pair)
Driver
Receiver
*T−Line Z0
*T−Line Z0
VTT
R
R
(*or twisted pair)
Driver
Receiver
*T−Line Z0
*T−Line Z0
Vt
Driver
Receiver
External (Far, Diff.)
Internal Termination Combo Pin (Far, Diff.)
VTT
R
R
(*or twisted pair)
Driver
Receiver
*T−Line Z0
*T−Line Z0
Vt1
Internal Termination Singulated Pins (Far, Diff.)
Rt
Rt
Rt
Vt2
External (Far, S.E.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com