Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8020D Datasheet(PDF) 1 Page - Analog Devices

Part # AND8020D
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020D Datasheet(HTML) 1 Page - Analog Devices

  AND8020D Datasheet HTML 1Page - Analog Devices AND8020D Datasheet HTML 2Page - Analog Devices AND8020D Datasheet HTML 3Page - Analog Devices AND8020D Datasheet HTML 4Page - Analog Devices AND8020D Datasheet HTML 5Page - Analog Devices AND8020D Datasheet HTML 6Page - Analog Devices AND8020D Datasheet HTML 7Page - Analog Devices AND8020D Datasheet HTML 8Page - Analog Devices AND8020D Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 5
1
Publication Order Number:
AND8020/D
AND8020/D
Termination of ECL
Logic Devices with
EF (Emitter Follower)
OUTPUT Structure
Prepared by: Paul Shockman
ON Semiconductor Logic Applications Engineering
CONTENTS OF APPLICATION NOTE
Introduction − DC Termination Analysis
Vt
Rt
Rt
Rt
Rt
Rt
Rt
Vt1
Vt2
External
Internal
Near (Standard Pair)
Far (Standard Pair)
Far (Standard Pair)
VEE
Rt
Rt
Rt
Rt
Rt
Vt1
Vt2
VEE
Vto
(Open)
VEE
(Shorted)
VTT
Near (Standard Pair)
VTT
VTT
RE
VEE
Section 2. Parallel Termination − External and Internal
Section 1. Unterminated Lines
R
R
R
R
Section 3. Thevenin Equivalent/Parallel Termination
R
R
Section 4. Series (Back) Termination
VBB
VBB
Driver
Receiver
*All Media
*
*
D1
D2
D1
D2
Section 5. Diode Termination
R
R
R
R
R
VCC
VBB
Section 6. Capacitive Coupling
RE
RE
RE
RE
RE
RE
RE
RE
APPLICATION NOTE
http://onsemi.com


Similar Part No. - AND8020D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8020D ONSEMI-AND8020D Datasheet
156Kb / 11P
3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AND8020D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM110 NSC-LM110 Datasheet
348Kb / 16P
Voltage Follower
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
logo
NXP Semiconductors
10H20EV8 PHILIPS-10H20EV8 Datasheet
269Kb / 17P
ECL programmable array logic
October 22, 1993
logo
ON Semiconductor
AND8090 ONSEMI-AND8090 Datasheet
896Kb / 20P
AC Characteristics of ECL Devices
November, 2003 ??Rev. 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
logo
KOA Speer Electronics, ...
RDAQ20T KOA-RDAQ20T Datasheet
93Kb / 2P
scsi&ecl termination networks
RDAQ20TTEB331JH KOA-RDAQ20TTEB331JH Datasheet
226Kb / 2P
scsi & ecl termination networks
logo
Copal Electronics
PA-840 COPAL-PA-840 Datasheet
373Kb / 4P
Strong structure with IP67 degree of protection
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com