Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8020D Datasheet(PDF) 13 Page - Analog Devices

Part # AND8020D
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020D Datasheet(HTML) 13 Page - Analog Devices

Back Button AND8020D Datasheet HTML 9Page - Analog Devices AND8020D Datasheet HTML 10Page - Analog Devices AND8020D Datasheet HTML 11Page - Analog Devices AND8020D Datasheet HTML 12Page - Analog Devices AND8020D Datasheet HTML 13Page - Analog Devices AND8020D Datasheet HTML 14Page - Analog Devices AND8020D Datasheet HTML 15Page - Analog Devices AND8020D Datasheet HTML 16Page - Analog Devices AND8020D Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AND8020/D
http://onsemi.com
13
For the 10E series (ECL mode operation),
where: VOH = −0.9 V, VSWING = 0.85 V, VEE = −5.2 V:
(
* 0.9) * (* 5.2)
Rt ) Rs ) Z0
y 0.531
Z0
*Z0 * Rs y Rt
7.10
(eq. 38)
For the 100E series (ECL mode operation),
where: VOH = −0.955 V, VSWING = 0.75 V, VEE = −4.5 V:
(
* 0.955) * (* 4.5)
Rt ) Rs ) Z0
y 0.468
Z0
*Z0 * Rs y Rt
6.57
(eq. 39)
Parallel Fanout of Series Termination
An extension of the series termination technique, using
parallel fanout, eliminates the problem of lumped loading at
the expense of extra transmission lines (Figure 17).
*T−Line Z0
RSn
Receiver
n
Figure 17. Parallel Fanout Using Series Termination
*T−Line Z0
RS1
Receiver 1
Driver
Rt
VEE
N number of lines
Figure 17 shows a modification of the series termination
scheme in which several series terminated lines in parallel
fanout are driven using a single ECL gate. The principle
concern when applying this technique is to maintain the
current in the output emitter follower below the maximum
rated value. The value for Rt can be calculated by viewing
the circuit in terms of conductances.
Goutput u G1 ) G2 ) G
n
(eq. 40)
From Table B, for each of the series:
1
( Rt )
y
1
(
*Z01 * RS1)
KZ0
)
1
(
*Z02 * RS2)
KZ0
)
1
(
*Z0 * RS)
n
KZ0
(eq. 41)
Where:
n = Number of Parallel Circuits
When:
Z01 + Z02 + Z0 , and RS1 + RS2 + RS
nn (eq. 42)
Then Rt is calculated as:
Rt x
(KZ0 *Z0 * Rs)
r
n
(eq. 43)
When a single series terminated line is driving more than
a single receiver, the maximum number of loads must be
addressed. The factor limiting the number of loads is the DC
voltage drop across the series termination resistor caused by
the summary input currents IT during the receivers quiescent
high state. Noise margin loss, NMloss, will probably
determine the acceptable DC voltage drop limit across Rs.
NMloss + IT *( Rs + RO )
(eq. 44)
Where:
IT = Sum of IINH Currents
RO = Output Impedance of the Driver Gate
RS = Termination Resistance
Figure 18. Noise Margin Loss Example
*T−Line Z0
RS
Receiver 1
Driver
Rt
VEE
RO
Receiver 2
Receiver
N
IT
For the majority of ECL devices typical maximum value
for quiescent high state input current is 150 uA. Thus, for the
circuit shown in Figure 18, in which three gate loads are
present in a 50
W environment, the loss in high state noise
margin is calculated as:
NMloss + 3* * 150 mA * 50 W +* 22.5 mV
(eq. 45)
This represents a potential shift in the VOH level of
−22.5 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com