Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8020D Datasheet(PDF) 18 Page - Analog Devices

Part # AND8020D
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020D Datasheet(HTML) 18 Page - Analog Devices

Back Button AND8020D Datasheet HTML 10Page - Analog Devices AND8020D Datasheet HTML 11Page - Analog Devices AND8020D Datasheet HTML 12Page - Analog Devices AND8020D Datasheet HTML 13Page - Analog Devices AND8020D Datasheet HTML 14Page - Analog Devices AND8020D Datasheet HTML 15Page - Analog Devices AND8020D Datasheet HTML 16Page - Analog Devices AND8020D Datasheet HTML 17Page - Analog Devices AND8020D Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
AND8020/D
http://onsemi.com
18
Combining the high impedance and impedance matching
networks results in an input voltage scheme shown in
Figure 24. This creates the proper input voltage
D, VBIAS,
using fewer components.
VTT
VCC
Figure 24. VBIAS and Auto−Oscillation Suppression
with Thevenin Parallel Network
R1
Receiver
OUT
OUTb
IN
Rt
Rt
VEE
0.001
mF
RZ
R2
INb
0.001
mF
For a 3.3 V VCC, the values of R1 and R2 provide a
Thevenin parallel network divider voltage with VIH in the
VIHCMR of the receiver. Current through the divider
develops the default offset across Rz and can be adjusted as
needed. For example, in Z0 = 50 traces, a 30 mV default
offset difference will be created if VCC = 3.3 V and the DC
bias voltage is 2.0 V (typical VBB) when:
R1
+ 4.22 kW
R2
+ 6.34 kW
RZ + 100 W
The 0.001 coupling cap may need to be adjusted to
frequency and Vpp amplitude of the receiver input signal.
A similar single−ended network may be used with only
one coupling cap and sufficient bypass capacitance on the
non−driven resistor to preserve a DC level.
Output Level Shifting
Receiver inputs may be level shifted using capacitive
coupling and adjusting VBIAS within the acceptable
common mode range for VIH. Output levels may also be
changed independent of input levels. The driver device may
be operated with both VCC and VEE at shifted values. This
is used at the factory to evaluate devices and conveniently
port signals directly into standard 50
W impedance
equipment modules. The VCC is fixed to +2.0 V above Test
System chassis ground and the test equipment internal 50
W
impedance constitutes a proper signal termination. Thus, the
split VEE supply is adjusted to a negative value.
|VCC − VEE|
Split VCC
Split VEE
Unit
3.0
+2.0
−1.0
V
3.3
+2.0
−1.3
V
5.0
+2.0
−3.0
V
5.5
+2.0
−3.5
V
Output levels may be shifted to symmetrically cross 0.0 V
by a similar method although the advantage of conveniently
directly connecting into standard test equipment is no longer
available.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
AND8020/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com