Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8020D Datasheet(PDF) 7 Page - Analog Devices

Part # AND8020D
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020D Datasheet(HTML) 7 Page - Analog Devices

Back Button AND8020D Datasheet HTML 3Page - Analog Devices AND8020D Datasheet HTML 4Page - Analog Devices AND8020D Datasheet HTML 5Page - Analog Devices AND8020D Datasheet HTML 6Page - Analog Devices AND8020D Datasheet HTML 7Page - Analog Devices AND8020D Datasheet HTML 8Page - Analog Devices AND8020D Datasheet HTML 9Page - Analog Devices AND8020D Datasheet HTML 10Page - Analog Devices AND8020D Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AND8020/D
http://onsemi.com
7
Table C. Y Term Table
|VCC−VEE| = 5.0 V
|VCC−VEE| = 3.3 V
|VCC−VEE| = 2.5 V
Z0
Rt1
Rt2
Rt3
Z0
Rt1
Rt2
Rt3
Z0
Rt1
Rt2
Rt3
50
50
50
112
50
50
50
46
50
50
50
21.2
70
70
70
156
70
70
70
64
70
70
70
29.7
75
75
75
166
75
75
75
68
75
75
75
31.8
80
80
80
179
80
80
80
72
80
80
80
33.9
90
90
90
201
90
90
90
82
90
90
90
38.1
100
100
100
223
100
100
100
91
100
100
100
42.4
120
120
120
268
120
120
120
109
120
120
120
50.8
150
150
150
335
150
150
150
136
150
150
150
63.6
VEE
RE
RE
Figure 7. Standard Pair with External Parallel
Rt
(*or twisted pair)
*T−Line Z0
*T−Line Z0
Near DC Current Return − Standard Pair
Termination
The standard pair termination scheme uses a pull−down
resistor, RE, located at each driver pin to return the output
transistor bias current near the driver, and an impedance
matching parallel resistor, RT, located at the receiver input
pins (see Figure 7, standard pair with external parallel, and
Figure 8,
standard
pair
termination
with
internal
termination, and Figure 9, standard pair termination with
singulated internal termination resistors). The impedance
matching parallel resistor may be internal or external
depending on the receiver device. If internal to the receiver,
the resistor may be singulated or combined (“combo”) for
external pinout.
The diagram of Figure 7 shows a Standard Pair
Termination with an RE resistor for DC output current bias
located nearby each driver pin: refer to Table B, for values
of RE. The differential transmission line AC impedance
matching resistance, Rt, is located externally near the
receiver input pins.
As a variation of a Standard Pair Termination, a receiver
may provide the differential transmission line AC
impedance matching resistance, Rt, internally. This internal
impedance matching termination may be pinned out either
combined into a Combo Vt pin or each resistor may be
singulated and pinned out, such as Vt1 and Vt2.
When left open, the Combo Pin still provides a passive
100
W termination across the nearby receiver’s differential
signal line pair. This can compliment a pull−down resistor, RE,
located on each line of a differential at the driver pins. This is
illustrated in Figure 8.
Figure 8. Standard Pair Termination with
Internal Termination
Open Vt Pin
R
R
(*or twisted pair)
Driver
Receiver
*T−Line Z0
*T−Line Z0
Internal Termination Combo Pin
VEE
RE
RE
When the Internal Termination resistors are singulated,
the two Vt pins must be shorted to create the 100
W value as
shown in Figure 9.
Figure 9. Standard Pair Termination with
Singulated Internal Termination Resistors
Internal Termination Singulated Pins
R
R
(*or twisted pair)
Driver
Receiver
*T−Line Z0
*T−Line Z0
VEE
Vt1
Vt2
Shorted
RE
RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com