Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8020D Datasheet(PDF) 17 Page - Analog Devices

Part # AND8020D
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020D Datasheet(HTML) 17 Page - Analog Devices

Back Button AND8020D Datasheet HTML 10Page - Analog Devices AND8020D Datasheet HTML 11Page - Analog Devices AND8020D Datasheet HTML 12Page - Analog Devices AND8020D Datasheet HTML 13Page - Analog Devices AND8020D Datasheet HTML 14Page - Analog Devices AND8020D Datasheet HTML 15Page - Analog Devices AND8020D Datasheet HTML 16Page - Analog Devices AND8020D Datasheet HTML 17Page - Analog Devices AND8020D Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AND8020/D
http://onsemi.com
17
When the coupling capacitor is physically located near
enough to the receiver input pins to prohibit reflections on the
connecting trace length or signal impedance matching has
been accomplished prior to cap coupling, then a simple high
value resistor divider network from VCC to VEE is
recommended as shown in Figure 23. Differential and
Single−Ended AC Configurations Using Non−VBB Biasing
(A and B). This network total resistance may be from 1 K
W
to 10 K
W. For 50 W impedance traces, the typical value for the
voltage divider resistors are given in Table F. Typical Rebias
and Impedance Matching Resistor Network Values @
Z0 = 50. Note the impedance presented to a signal is
u5 KW.
Table F. Typical Rebias and Impedance Matching Resistor Network Values @ Z0 = 50
Resistor
|VCC−VEE| = 5.0 V
|VCC−VEE| = 3.3 V
|VCC−VEE| = 2.5 V
Units
R1 (R1
′)
4
4
4
K
W
R2 (R2
′)
6
6
6
K
W
Vrebias
3.3
2.2
1.7
V
When the coupling capacitor is physically located at a
distance from receiver over a trace or cable length capable
of sustaining reflections, a Thevenin parallel network
matching the line of impedance is recommended for their
suppression. This is shown in Figure 23. Differential and
Single−Ended AC Configurations Using Non−VBB Biasing
(A and B). The rebias voltage may always be safely set at
VCC−1.3. For 50
W impedance traces, the typical value for
the voltage divider resistors are given in Table G. Typical
Rebias and Impedance Matching Resistor Network Values @
Z0 = 50.
Table G. Typical Rebias and Impedance Matching Resistor Network Values @ Z0 = 50
Resistor
|VCC−VEE| = 5.0 V
|VCC−VEE| = 3.3 V
|VCC−VEE| = 2.5 V
Units
R1 (R1
′)
68
83
96.15
W
R2 (R2
′)
192
127
104.16
W
Vrebias
3.7
2.0
1.2
V
Figure 23. Differential and Single−Ended AC
Configurations Using Non−VBB Biasing
VCC
Receiver
OUT
OUTb
IN
INb
Rt
Rt
VTT
0.001
mF
0.001
mF
VEE
R2
R2
R1
R1
VCC
Receiver
OUT
OUTb
IN
VTT
0.001
mF
VEE
R2
R2
R1
R1
Rt
Rt
A. Differential
B. Single−Ended
The characterized VBB reference voltage bias, VBIAS, is
VCC − 1.33 V, but a device is not restricted to this VBIAS
value. The VBIAS range is determined by the Vpp
amplitude and the signal HIGH level, VIH. Input HIGH
level, VIH, is constrained by the data sheet specification of
common mode range, VIHCMR or VCMR. Thus, the VBIAS
range is constrained:
VBIAS max + VIHCMRmax * (0.5 )(Vpp )
VBIAS min + VIHCMRmin * (0.5 )(Vpp )
A single−ended source into a differential type input signal
amplitude swing, Vpp, is typically constrained from
Vppmin = 300 mV to Vppmax = 1000 mV.
An input signal must swing symmetrically above and
below VBIAS to preserve a 50% duty cycle out of the
receiver. Differential signals must have identical crosspoint
voltages to preserve minimum phase error and duty cycle
error. Crosspoint voltages are determined by the matched
precision of the resistor divider network from VCC to VEE.
Auto−Oscillation Suppression without VBB
For a configuration without a VBB reference pin, such as
illustrated in Figure 23, the resistor network may be
modified to have an input voltage
D of 20 to 30 mV offset
between the input pins. Either a high resistor value divider
or a Thevenin parallel network may be modified to
accomplish this input voltage
D. This is accomplished by
altering the values of R1, R1
′, R2, and R2′.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com