Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 146 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 146 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 142Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 143Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 144Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 145Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 146Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 147Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 148Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 149Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 150Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 157 page
background image
General Release Specification
40-Pin Plastic Dual In-Line (DIP) Package (Case
MC68HC705C9A — Rev. 2.0
Mechanical Specifications
13.3 40-Pin Plastic Dual In-Line (DIP) Package (Case 711-03)
Figure 13-1. 40-Pin Plastic DIP Package (Case 711-03)
13.4 42-Pin Plastic Shrink Dual In-Line (SDIP) Package (Case 858-01)
Figure 13-2. 42-Pin Plastic SDIP Package (Case 858-01)
120
40
21
B
A
C
SEATING
PLANE
D
F
G
H
K
N
M
J
L
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
51.69
52.45
2.035
2.065
B
13.72
14.22
0.540
0.560
C
3.94
5.08
0.155
0.200
D
0.36
0.56
0.014
0.022
F
1.02
1.52
0.040
0.060
G
2.54 BSC
0.100 BSC
H
1.65
2.16
0.065
0.085
J
0.20
0.38
0.008
0.015
K
2.92
3.43
0.115
0.135
L
15.24 BSC
0.600 BSC
M
1
°
N
0.51
1.02
0.020
0.040
NOTES:
1. POSITION TOLERANCE OF LEADS (D), SHALL
BEWITHIN 0.25 (0.010) AT MAXIMUM MATERIAL
CONDITIONS, IN RELATION TO SEATING PLANE
AND EACH OTHER.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
1
°
0
°
0
°
1.435
0.540
0.155
0.014
0.032
0.008
0.115
0°
0.020
1.465
0.560
0.200
0.022
0.046
0.015
0.135
15°
0.040
37.21
14.22
5.08
0.56
1.17
0.38
3.43
15°
1.02
36.45
13.72
3.94
0.36
0.81
0.20
2.92
0°
0.51
-B-
-A-
C
D 42 PL
F
K
G
N
J 42 PL
M
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
F
G
H
J
K
L
M
N
H
L
1.778 BSC
0.070 BSC
7.62 BSC
0.300 BSC
15.24 BSC
0.600 BSC
0.25 (0.010)
T A
M
S
0.25 (0.010)
T B
M
S
NOTES:
1. DIMENSIONS AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSIONS A AND B DO NOT INCLUDE MOLD
FLASH. MAXIMUM MOLD FLASH 0.25 (0.010).
121
42
22
SEATING
PLANE
-T-
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com