Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 148 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 148 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 144Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 145Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 146Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 147Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 148Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 149Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 150Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 151Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 152Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 157 page
background image
General Release Specification
44-Lead Quad Flat Pack (QFP) (Case 824A-01)
MC68HC705C9A — Rev. 2.0
Mechanical Specifications
13.6 44-Lead Quad Flat Pack (QFP) (Case 824A-01)
Figure 13-4. 44-Lead QFP (Case 824A-01)
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
0.031 BSC
0.315 REF
0.063 REF
0.80 BSC
8.00 REF
1.6 REF
0.01 (0.004)
L
-D-
BV
A
S
M
C
H
SEATING
PLANE
-C-
G
M
-H- DATUM
PLANE
-A-
L
DETAIL A
33
23
34
44
22
12
111
-B-
E
B
B
-A,B,D-
-H-
J
K
M
W
D
F
N
R
T
Q
BASE METAL
X
SECTION B–B
DETAIL A
DETAIL C
DATUM
PLANE
A
B
C
D
E
F
G
H
J
K
L
M
N
Q
R
S
T
U
V
W
X
9.90
9.90
2.10
0.30
2.00
0.30
0.13
0.65
5°
0.13
0°
0.13
12.95
0.13
0°
12.95
0.40
10.10
10.10
2.45
0.45
2.10
0.40
0.25
0.23
0.95
10°
0.17
7°
0.30
13.45
13.45
0.390
0.390
0.083
0.012
0.079
0.012
0.005
0.026
5°
0.005
0°
0.005
0.510
0.005
0°
0.510
0.016
0.398
0.398
0.096
0.018
0.083
0.016
0.010
0.009
0.037
10°
0.007
7°
0.012
0.530
0.530
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE H IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD WHERE
THE LEAD EXITS THE PLASTIC BODY AT THE
BOTTOM OF THE PARTING LINE.
4. DATUMS A, B AND D TO BE DETERMINED AT
DATUM PLANE H.
5. DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE C.
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
(0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE DETERMINED
AT DATUM PLANE H.
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT.
C
0.20 (0.008)
A-B
D
S
S
M
H
0.20 (0.008)
A-B
D
S
S
M
C
0.20 (0.008)
A-B
D
A-B
0.05 (0.002)
S
S
M
DETAIL C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com