Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705C9AGRS/D Datasheet(PDF) 152 Page - NXP Semiconductors

Part # HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Datasheet(HTML) 152 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 148Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 149Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 150Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 151Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 152Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 153Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 154Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 155Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 156Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 157 page
background image
General Release Specification
MC68HC705C9A — Rev. 2.0
A.3 Bootloader Mode
Bootloader mode is entered upon the rising edge of RESET if the IRQ is
at VTST and the TCAP pin is at logic one. The bootloader code resides
in the ROM from $3F00 to $3FEF. This program handles copying of user
code from an external EPROM into the on-chip EPROM. The bootload
function does not have to be done from an external EPROM, but it may
be done from a host.
The user code must be a one-to-one correspondence with the internal
EPROM addresses.
A.4 Bootloader Functions
Three pins are used to select various bootloader functions: PD5, PD4,
and PD3. Two other pins, PC6 and PC7, are used to drive the PROG
LED and the VERF LED, respectively. The programming modes are
shown in Table A-2.
Table A-1. Operating Modes
RESET
IRQ
TCAP
Mode
VSS to VDD
VTST
VSS to VDD
VDD
User
Bootloader
Table A-2. Bootloader Functions
PD5
PD4
PD3
Mode
0
0
0
Program/Verify
0
0
1
Verify Only
0
1
0
Load RAM and Execute
1
X
X
Secure
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com