Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200AMMREP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL8200AMMREP Datasheet HTML 1Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 2Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 3Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 4 of 24
June 3, 2015
6
ISHARE
Analog Current Output - Cascaded system level overcurrent shutdown pin. This pin is used where you have multiple modules
configured for current sharing and is used with a common current share bus. The bus sums each of the modules' average
current contribution to the load to protect for an overcurrent condition at the load. The pin sources 15µA plus average
module's output current. The shared bus voltage (VISHARE) is developed across an external resistor (RISHARE). VISHARE
represents the average current of all active channel(s) that are connected together.
The ISHARE bus voltage is compared with each module's internal reference voltage set by each module's RISET resistor. This
will generate an individual current share error signal in each cascaded controller. The share bus impedance RISHARE should
be set as RISET/NCTRL, RISET divided by the number of active current sharing controllers. The output current from this pin
generates a voltage across the external resistor. This voltage, VISHARE, is compared to an internal 1.2V threshold for average
overcurrent protection. For full-scale current, RISHARE should be ~10k. Typically 10k is used for RSHARE and RSET. The
output current range is 15µA to 126µA typ.
7
FSYNC_IN
Analog Input Control Pin - An optional external resistor (RFS-ext) connected to this pin and ground will increase the oscillator
switching frequency. It has an internal 59k
 resistor for a default frequency of 700kHz. The internal oscillator will lock to an
external frequency source when connected to a square waveform. The external source is typically the CLKOUT signal from
another ISL8200AMMREP or an external clock. The internal oscillator synchronizes with the leading positive edge of the input
signal. The input voltage range for the external source is 0V to 5V Square Wave. When not synchronized to an external clock,
a 100pF capacitor between FSYNC_IN and PGND1 is recommended.
8
CLKOUT
Digital Voltage Output - This pin provides a clock signal to synchronize with other ISL8200AMMREP(s). When there is more
than one ISL8200AMMREP in the system, the two independent regulators can be programmed via PH_CNTRL for different
degrees of phase delay.
9
PH_CNTRL
Analog Input - The voltage level on this pin is used to program the phase shift of the CLKOUT clock signal to synchronize with
other module(s).
10
ISHARE_BUS
Open pin until first PWM pulse is generated. Then, via an internal FET, this pin connects the module’s ISHARE to the system’s
ISHARE bus after pre-bias is complete and soft-start is initiated.
11
FF
Analog Voltage Input - The voltage on this pin is fed into the controller, adjusting the sawtooth amplitude to generate the
feed-forward function. The input voltage range is 0.8V to VCC. Typically, FF is connected to EN.
12
EN
This is a double function pin: Analog Input Voltage - The input voltage to this pin is compared with a precision 0.8V reference
and enables the digital soft-start. The input voltage range is 0V to VCC or VIN through a pull-up resistor maintaining a typical
current of 5mA.
Analog Voltage Output - This pin can be used as a voltage monitor for input bus undervoltage lockout. The hysteresis levels
of the lockout can be programmed via this pin using a resistor divider network. Furthermore, during fault conditions (such as
overvoltage, overcurrent, and over-temperature), this pin is used to communicate the information to other cascaded modules
by pulling the wired OR low as it is an Open Drain. The output voltage range is 0V to VCC.
13
VIN
Analog Voltage Input - This pin should be tied directly to the input rail when using the internal linear regulator. It provides
power to the internal linear drive circuitry. When used with an external 4.5V supply, this pin should be tied directly to PVCC.
The internal linear device is protected against the reversed bias generated by the remaining charge of the decoupling
capacitor at VCC when losing the input rail. The input voltage range is 4.5V to 20V.
14
PVCC
Analog Output - This pin is the output of the internal series linear regulator. It provides the bias for both low-side and high-side
drives. Its operational voltage range is 4.5V to 5.6V. The decoupling ceramic capacitor on the PVCC pin is 10µF.
16
PHASE
Analog Output - This pin is the phase node of the regulator.
17
PVIN
Analog Input - This input voltage is applied to the power FETs with the FET’s ground being the PGND pin. It is recommended
to place input decoupling capacitance, 22µF, directly between the PVIN pin and the PGND pin as close as possible to the
module. The input voltage range is 3V to 20V.
18
PGND
All voltage levels are referenced to this pad. This is the low side MOSFET ground. PGND and PGND1 should be connected
together with a ground plane.
19
VOUT
Output voltage from the module. The output voltage range is 0.6V to 6V.
20
OCSET
Analog Input - This pin is used with the PHASE pin to set the current limit of the module. The input voltage range is 0V to 27V.
21
VCC
Analog Input - This pin provides bias power for the analog circuitry. It’s operational range is 4.5V to 5.6V. In 3.3V applications,
VCC, PVCC and VIN should be shorted to allow operation at the low end input as it relates to the VCC falling threshold limit.
This pin can be powered either by the internal linear regulator or by an external voltage source.
22
PGOOD
Analog Output - This pin, pulled up to VCC via an internal 10kΩ resistor, provides a Power-Good signal when the output is
within 9% of nominal output regulation point with 4% hysteresis (13%/9%), and soft-start is complete. An external pull-up is
not required. PGOOD monitors the outputs (VMON1) of the internal differential amplifiers. The output voltage range is 0V to
VCC.
Pin Descriptions (Continued)
PIN #
PIN NAME
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com