Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200AMMREP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL8200AMMREP Datasheet HTML 9Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 13 of 24
June 3, 2015
Applications Information
Programming the Output Voltage (RSET)
The ISL8200AMMREP has an internal 0.6V ± 0.7% reference
voltage. Programming the output voltage requires a dividing
resistor (RSET) between the VOUT_SET pin and the VOUT
regulation point. The output voltage can be calculated as shown
in Equation 1:
Note: ISL8200AMMREP has integrated 2.2kΩ resistances into
the module dividing resistor for the bottom side (ROS). The
resistances for different output voltages in single phase
operation are listed in Table 1. For a parallel setup, please refer
to the current sharing application note (Coming Soon).
The output voltage accuracy can be improved by maintaining the
impedance at VOUTSET (internal VSEN1+) at or below 1kΩ
effective impedance. Note: the impedance between VSEN1+ and
VSEN1- is about 500k.
The module has a minimum input voltage at a given output
voltage, which needs to be a minimum of 1.43 times the output
voltage if operating at fSW = 700kHz switching frequency. This is
due to the Minimum PWM OFF Time (tMIN-OFF).
The equation to determine the minimum PVIN to support the
required VOUT is given by Equations 2 and 3; it is recommended
to add 0.5V to the result to account for temperature variations.
tSW = switching period = 1/fSW
for the 700kHz switching frequency = 1428ns
For 3V input voltage operation, the VIN voltage should be at least
4.5V for sufficient gate drive voltage. This can be accomplished
by using a voltage greater than or equal to 4.5V on VIN. VIN is the
input to the internal LDO that powers the control circuitry. PVIN is
the power input to the power stage. Figure 21 shows a scenario
where the power stage is running down to 3.0V and the control
circuitry is running down to 4.5V. Figure 22 is a more general
setup and can accommodate a VIN range from 4.5V up to 20V.
Selection of the Input Capacitor
The input filter capacitor should be based on how much ripple
the supply can tolerate on the DC input line. The larger the
capacitor, the less ripple expected, but consideration should be
taken for the higher surge current during power-up. The
ISL8200AMMREP provides the soft-start function that controls
and limits the current surge. The value of the input capacitor can
be calculated by Equation 4:
Where:
CIN(MIN) is the minimum input capacitance (µF) required
IO is the output current (A)
D is the duty cycle (VO/VIN)
VP-P(MAX) is the maximum peak-to-peak voltage (V)
FS is the switching frequency (Hz)
In addition to the bulk capacitance, some low Equivalent Series
Inductance (ESL) ceramic capacitance is recommended to
decouple between the PVIN pin and PGND pin. This is used to
reduce the voltage ringing created by the switching current
across parasitic circuit elements.
TABLE 1. VOUT - RSET
VOUT
0.6V
0.8V
1.0V
1.2V
RSET
0Ω
732Ω
1.47kΩ
2.2kΩ
VOUT
1.5V
1.8V
2.0V
2.5V
RSET
3.32kΩ
4.42kΩ
5.11kΩ
6.98kΩ
VOUT
3.3V
5.0V
6.0V
RSET
10kΩ
16.2kΩ
20kΩ
VOUT
0.6
1
RSET
ROS
-------------
+



=
(EQ. 1)
PVIN_MIN
VOUT tSW
tSW tMIN_OFF
–
---------------------------------------
=
(EQ. 2)
PVIN_MIN
1.43 VOUT
=
(EQ. 3)
FIGURE 21. 3V OPERATION
PVIN
VIN
EN
FF
VOUT
VOUT_SET
VSEN_REM-
PGND1
ISL8200AMMREP
POWER MODULE
ISHARE
PVIN = 3V TO 20V
VIN = 4.5V TO 20V
5k
10µF
FIGURE 22. 4.5V TO 20V OPERATION
PVIN
VIN
EN
FF
VOUT
VOUT_SET
VSEN_REM-
PGND1
ISL8200AMMREP
POWER MODULE
ISHARE
VIN = 4.5V TO 20V
5k
10µF
CIN MIN

IO
D1 D
–

VP-P MAX
 FS
---------------------------------------
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com