Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200AMMREP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL8200AMMREP Datasheet HTML 3Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 9Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 7 of 24
June 3, 2015
Absolute Maximum Ratings
Thermal Information
Input Voltage, PVIN, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +27V
Driver Bias Voltage, PVCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Signal Bias Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
BOOT/UGATE Voltage, VBOOT . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +36V
Phase Voltage, VPHASE . . . . . . . . . . . . . . . . . . . VBOOT - 7V to VBOOT + 0.3V
BOOT to PHASE Voltage,
VBOOT - VPHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
Input, Output or I/O Voltage . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Charge Device Model (Tested per JESD22-C101C). . . . . . . . . . . . . . . 1kV
Latch-up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
QFN Package (Notes 3, 4) . . . . . . . . . . . . . .
13
2.0
Maximum Storage Temperature Range . . . . . . . . . . . . . .-55°C to +150°C
Recommended Operating Conditions
Input Voltage, PVIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 20V
Input Bias Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 20V
Driver Bias Voltage, PVCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.6V
Signal Bias Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.6V
Boot to Phase Voltage
VBOOT - VPHASE. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <6V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board (i.e., 4-layer type without thermal vias -
see tech brief TB379) per JEDEC standards except that the top and bottom layers assume solid plains.
4. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Boldface limits apply across the operating temperature range, -55°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNIT
VCC SUPPLY CURRENT
Nominal Supply VIN Current
IQ_VIN
PVIN = VIN = 20V; No Load; fSW = 700kHz
36
mA
Nominal Supply VIN Current
IQ_VIN
PVIN = VIN = 4.5V; No Load; fSW = 700kHz
27
mA
Shutdown Supply VCC Current
IVCC
EN = 0V, VCC = 2.97V
9
mA
INTERNAL LINEAR REGULATOR
Maximum Current
IPVCC
PVCC = 4V to 5.6V
320
mA
Saturated Equivalent Impedance
RLDO
P-Channel MOSFET (VIN = 5V)
1
Ω
POWER-ON RESET
Rising VCC Threshold
2.85
(Note 7)
V
Falling VCC Threshold
2.65
(Note 7)
V
Rising PVCC Threshold
2.85
(Note 7)
V
Falling PVCC Threshold
2.65
(Note 7)
V
System Soft-start Delay
tSS_DLY
After PLL, VCC, and PVCC PORs, and EN above
their thresholds
384
Cycles
ENABLE
Turn-On Threshold Voltage
(Note 7)
0.8
(Note 7)
V
Hysteresis Sink Current
IEN_HYS
(Note 7)
30
(Note 7)
µA
Undervoltage Lockout Hysteresis
VEN_HYS
VEN_RTH = 10.6V; VEN_FTH = 9V
RUP = 53.6kΩ, RDOWN = 5.23kΩ
1.6
V
Sink Current
IEN_SINK
VEN = 1V
(Note 7)
mA
Sink Impedance
REN_SINK
VEN = 1V
(Note 7)
Ω
OSCILLATOR
Oscillator Frequency
FOSC
RFS = 59kΩFigure 34
700
kHz
Total Variation
VCC = 5V;
(Note 7)
(Note 7)
%
FREQUENCY SYNCHRONIZATION AND PHASE LOCK LOOP (Note 7)
Synchronization Frequency
VCC = 5.4V
FOSC
(Note 7)
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com