Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200AMMREP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL8200AMMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 16 of 24
June 3, 2015
Power-Good
The Power-Good comparator monitors the voltage on the internal
VMON1 pin. The trip points are shown in Figure 29. PGOOD will
not be asserted until after the completion of the soft-start cycle.
PGOOD pulls low upon both EN disabling it or the voltage of the
internal VMON1 pin going out of the threshold window. PGOOD
will not pull low until the fault is present for three consecutive
clock cycles.
The UV indication is not enabled until the end of soft-start. In a UV
event, if the output drops below -13% of the target level due to
some reason (cases when EN is not pulled low) other than OV,
OC, OT, and PLL faults, PGOOD will be pulled low.
Current Share
The IAVG_CS is the current of the module. ISHARE and ISET pins
source a copy of IAVG_CS with 15µA offset, i.e., the full scale will
be 126µA.
The share bus voltage (VISHARE) set by an external resistor
(RISHARE = RISET/NCTRL) represents the average current of all
active modules. The voltage (VISET) set by RISET represents the
average current of the corresponding module and is compared
with the share bus (VISHARE). The current share error signal
(ICSH_ER) is then fed into the current correction block to adjust
each module’s PWM pulse accordingly. The current share
function provides at least 10% overall accuracy between ICs, up
to 3 phases. The current share bus works for up to 6-phase.
Figure 4 further illustrates the current sharing aspects of the
ISL8200AMMREP.
When there is only one module in the system, the ISET and
ISHARE pins can be shorted together and grounded via a single
resistor to ensure zero share error - a resistor value of 5k
(paralleling 10k on ISET and ISHARE) will allow operation up to
the OCP level.
Overvoltage Protection (OVP)
The Overvoltage (OV) protection indication circuitry monitors the
voltage on the internal VMON1 pin.
OV protection is active from the beginning of soft-start. An OV
condition (>120%) would latch the IC off (the high-side MOSFET
to latch off permanently; the low-side MOSFET turns on
immediately at the time of OV trip and then turns off
permanently after the output voltage drops below 87%). EN and
PGOOD are also latched low at an OV event. The latch condition
can be reset only by recycling VCC.
There is another non-latch OV protection (113% of target level).
At the condition of EN low and the output over 113% OV, the
lower side MOSFET will turn on until the output drops below 87%.
This is to protect the overall power trains in case of a single
channel of a multi-module system detecting OV. The low-side
MOSFET always turns on at the conditions of EN = LOW and the
output voltage above 113% (all EN pins are tied together) and
turns off after the output drops below 87%. Thus, in a high phase
count application (multi-module mode), all cascaded modules
can latch off simultaneously via the EN pins (EN pins are tied
together in multiphase mode), and each IC shares the same sink
current to reduce the stress and eliminate the bouncing among
phases.
Over-Temperature Protection (OTP)
When the junction temperature of the IC is greater than +150°C
(typically), EN pin will be pulled low to inform other cascaded
channels via their EN pins. All connected ENs stay low and
release after the IC’s junction temperature drops below +125°C
(typically), a +25°C hysteresis (typically).
Overcurrent Protection (OCP)
The OCP function is enabled at startup. The load current
sampling ICS1 is sensed by sampling the voltage across Q2
MOSFET rDS(ON) during turn on through the resistor between
OCSET and PHASE pin. IC1 is compared with the Channel
Overcurrent Limit ‘111µA OCP’ comparator, and waits 7-cycles
before OCP condition is declared. The module’s output current
(ICS1) plus a fixed internal 15µA offset forms a voltage (VISHARE)
across the external resistor, RISHARE. VISHARE is compared with a
precision internal 1.2V threshold for a second method to detect
OCP condition.
Multi-module operation can be achieved by connecting the
ISHARE pin of two or more modules together. In multi-module
operation the voltage on the ISHARE pin correlates to the
average current of all active channels This scheme helps protect
from damaging a module(s) in multi-module mode by not having
a single module carrying more than 111µA. Note that it is not
necessary for the RISHARE to be scaled to trip at the same level
as the 111µA OCP comparator. Typically the ISHARE pin average
current protection level should be higher than the phase current
protection level.
With an internal RISEN-IN of 2.2kΩ, the OCP level is set to the
default value. To lower the OCP level, an external RISEN-EX is
connected between OCSET and PHASE pin. The relationships
between the external RISEN-EX values and the typical output
current IOUT(MAX) OCP levels for ISL8200AMMREP are shown in
Figures 31 through 33. It is important to note that the OCP level
FIGURE 29. POWER-GOOD THRESHOLD WINDOW
-13%
-9%
VREF
+9%
+13%
VMON1
END OF SS1
AND
PGOOD
CHANNEL 1 UV/OV
+20%
PGOOD
PGOOD LATCH OFF
AFTER 120% OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com