Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200AMMREP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL8200AMMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 9Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 10Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 11Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 12Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ISL8200AMM
FN8287 Rev 2.00
Page 12 of 24
June 3, 2015
Typical Performance Characteristics (Continued)
Output Ripple Performance TA = +25°C, PVIN = VIN = 12V, CIN = 220µFx1, 10µF/Ceramic x 2,
COUT = 100µF/Ceramic x 6 IOUT = No Load, 5, 10A
FIGURE 15. OVERCURRENT PROTECTION
FIGURE 16. 50% PRE-BIAS START UP
FIGURE 17. 1.2V OUTPUT RIPPLE
FIGURE 18. 1.5V OUTPUT RIPPLE
FIGURE 19. 2.5V OUTPUT RIPPLE
FIGURE 20. 3.3V OUTPUT RIPPLE
PHASE
VOUT
EN
VIN = 0V TO 18V
VOUT = 1.2V
IOUT = NO LOAD
PHASE
VOUT
PGOOD
PVIN
VOUT 5A
VOUT 10A
VOUT NO LOAD
VOUT 10A
VOUT 5A
VOUT NO LOAD
VOUT 10A
VOUT 5A
VOUT NO LOAD
VOUT 10A
VOUT 5A
VOUT NO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com